Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA933XH Fiches technique(PDF) 3 Page - NXP Semiconductors

No de pièce TDA933XH
Description  I2C-bus controlled TV display processors
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA933XH Fiches technique(HTML) 3 Page - NXP Semiconductors

  TDA933XH Datasheet HTML 1Page - NXP Semiconductors TDA933XH Datasheet HTML 2Page - NXP Semiconductors TDA933XH Datasheet HTML 3Page - NXP Semiconductors TDA933XH Datasheet HTML 4Page - NXP Semiconductors TDA933XH Datasheet HTML 5Page - NXP Semiconductors TDA933XH Datasheet HTML 6Page - NXP Semiconductors TDA933XH Datasheet HTML 7Page - NXP Semiconductors TDA933XH Datasheet HTML 8Page - NXP Semiconductors TDA933XH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
2000 May 08
3
Philips Semiconductors
Preliminary specification
I2C-bus controlled TV display processors
TDA933xH series
SURVEY OF IC TYPES
QUICK REFERENCE DATA
IC VERSION
VGA MODE
DAC OUTPUT
TDA9330H
no
I2C-bus controlled
TDA9331H
yes
proportional to VGA frequency
TDA9332H
yes
I2C-bus controlled
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
Supply
VP
supply voltage
8.0
V
IP
supply current (VP1 plus VP2)
50
mA
Input voltages
Vi(Y)(b-w)
luminance input signal (black-to-white value)
1.0/0.315
V
Vi(U)(p-p)
U input signal (peak-to-peak value)
1.33
V
Vi(V)(p-p)
V input signal (peak-to-peak value)
1.05
V
Vi(RGB)(b-w)
RGB input signal (black-to-white value)
0.7
V
Vi(Hsync)
horizontal sync input (HD)
TTL
V
Vi(Vsync)
vertical sync input (VD)
TTL
V
Vi(IIC)
I2C-bus inputs (SDA and SCL)
CMOS 5 V
V
Output signals
Vo(RGB)(b-w)
RGB output signal amplitude (black-to-white value)
2.0
V
Io(hor)
horizontal output current
−−
10
mA
Io(ver)(p-p)
vertical output current (peak-to-peak value)
0.95
mA
Io(EW)
E-W drive output current
−−
1.2
mA


Numéro de pièce similaire - TDA933XH

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA9330H NXP-TDA9330H Datasheet
219Kb / 56P
I2C-bus controlled TV display processors
2002 Jun 04
TDA9331H NXP-TDA9331H Datasheet
219Kb / 56P
I2C-bus controlled TV display processors
2002 Jun 04
TDA9332H NXP-TDA9332H Datasheet
219Kb / 56P
I2C-bus controlled TV display processors
2002 Jun 04
More results

Description similaire - TDA933XH

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA9330H NXP-TDA9330H Datasheet
219Kb / 56P
I2C-bus controlled TV display processors
2002 Jun 04
TDA8376 PHILIPS-TDA8376 Datasheet
249Kb / 44P
I2C-bus controlled PAL/NTSC TV processors
1996 Jan 26
TDA884X PHILIPS-TDA884X Datasheet
419Kb / 68P
I2C-bus controlled PAL/NTSC/SECAM TV processors
December 16, 1997
TDA837X PHILIPS-TDA837X Datasheet
451Kb / 72P
I2C-bus controlled economy PAL/NTSC and NTSC TV-processors
1997 Jul 01
TDA9321H PHILIPS-TDA9321H Datasheet
249Kb / 44P
I2C-bus controlled TV input processor
1998 Dec 16
logo
Integral Corp.
ILA8842 INTEGRAL-ILA8842 Datasheet
159Kb / 14P
I2C BUS CONTROLLED SINGLE CHIP TV-RECEIVER
logo
KODENSHI_AUK CORP.
KKA8842 KODENSHI-KKA8842 Datasheet
363Kb / 15P
I2C BUS CONTROLLED SINGLE CHIP TV-RECEIVER
logo
NXP Semiconductors
TDA8366 PHILIPS-TDA8366 Datasheet
414Kb / 48P
I2C-bus controlled PAL/NTSC TV processor
January 1995
logo
List of Unclassifed Man...
NT6828 ETC-NT6828 Datasheet
1Mb / 31P
I2C Bus Controlled On-Screen Display
logo
STMicroelectronics
STV223XD STMICROELECTRONICS-STV223XD Datasheet
1Mb / 76P
I2C BUS-CONTROLLED MULTISTANDARD SINGLE CHIP TV PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com