Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST72734 Fiches technique(PDF) 142 Page - STMicroelectronics

No de pièce ST72734
Description  8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72734 Fiches technique(HTML) 142 Page - STMicroelectronics

Back Button ST72734 Datasheet HTML 136Page - STMicroelectronics ST72734 Datasheet HTML 137Page - STMicroelectronics ST72734 Datasheet HTML 138Page - STMicroelectronics ST72734 Datasheet HTML 139Page - STMicroelectronics ST72734 Datasheet HTML 140Page - STMicroelectronics ST72734 Datasheet HTML 141Page - STMicroelectronics ST72734 Datasheet HTML 142Page - STMicroelectronics ST72734 Datasheet HTML 143Page - STMicroelectronics ST72734 Datasheet HTML 144Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 142 / 144 page
background image
ST72774/ST727754/ST72734
142/144
Table 36. Ordering Information
(1) 8 bit ±2 LSB A/D converter
(2) 8 bit ±4 LSB A/D converter
Sales Type
ROM/EPROM (bytes)
RAM
(bytes)
TMU
USB
Package
ST72X774 (1)
ST72E774J9D0
60K EPROM
1K
Yes
Yes
CSDIP42
ST72T774J9B1
60K OTP
PSDIP42
ST72774J9B1/xxx
60K ROM
ST72774J7B1/xxx
48K ROM
ST72774S7T1/xxx
48K ROM
TQFP44
ST72T774S9T1
60K OTP
ST72774S9T1/xxx
60K ROM
ST72X754 (1)
ST72E754J9D0
60K EPROM
1K
Yes
No
CSDIP42
ST72T754J9B1
60K OTP
PSDIP42
ST72754J9B1/xxx
60K ROM
ST72754J7B1/xxx
48K ROM
ST72T754S9T1
60K OTP
TQFP44
ST72754S9T1
60K ROM
ST72754S7T1/xxx
48K ROM
ST72X734 (2)
ST72E734J6D0
32K EPROM
512
No
No
CSDIP42
ST72T734J6B1/xxx
32K OTP
PSDIP42
ST72734J6B1/xxx
32K ROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More