Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OMAP3530ECUS Fiches technique(PDF) 119 Page - Texas Instruments

Click here to check the latest version.
No de pièce OMAP3530ECUS
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECUS Fiches technique(HTML) 119 Page - Texas Instruments

Back Button OMAP3530ECUS Datasheet HTML 115Page - Texas Instruments OMAP3530ECUS Datasheet HTML 116Page - Texas Instruments OMAP3530ECUS Datasheet HTML 117Page - Texas Instruments OMAP3530ECUS Datasheet HTML 118Page - Texas Instruments OMAP3530ECUS Datasheet HTML 119Page - Texas Instruments OMAP3530ECUS Datasheet HTML 120Page - Texas Instruments OMAP3530ECUS Datasheet HTML 121Page - Texas Instruments OMAP3530ECUS Datasheet HTML 122Page - Texas Instruments OMAP3530ECUS Datasheet HTML 123Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 265 page
background image
OMAP3530, OMAP3525
www.ti.com
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
3
ELECTRICAL CHARACTERISTICS
3.1
Power Domains
The OMAP3530/25 device integrates enhanced features that dynamically adapt energy consumption
according to application needs and performance requirements.
The OMAP3530/25 device includes an enhanced power-management scheme based on:
Nine independent functional voltage domains on chip partitioning
Multiple voltage domains
Voltage scaling support
Enhanced memory retention support
Optimized device off mode
Centralized management of power, reset, and clock
The external power supplies of OMAP3530/25 are:
vdd_mpu _iva for the ARM and IVA2.2 processors
vdd_core for macros
vdds for IO macros
vdds_mem for memory macros
vdds_sram for SRAM LDOs
vdds_dpll_dll for DLL IO
vdds_dpll_per for peripheral DPLLs
vdds_wkup_bg for wakeup LDO and VDDA (2 LDOs: SRAM and BandGap)
vdda_dac for video DAC
vdds_mmc1 and vdds_mmc1a for MMC IO
The supply voltages are detailed in Table 3-3.
Figure 3-1 illustrates the power domains:
Copyright © 2008–2013, Texas Instruments Incorporated
ELECTRICAL CHARACTERISTICS
119
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More