| Moteur de recherche de fiches techniques de composants électroniques |
|
ST7MC2S4TC Fiches technique(PDF) 299 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7MC2S4TC Fiches technique(HTML) 299 Page - STMicroelectronics |
|
299 / 308 page ![]() ST7MC1/ST7MC2 299/308 15 IMPORTANT NOTES 15.1 FLASH/FASTROM DEVICES ONLY The behaviors described in the following sections are present on Rev A, B or C ST7FMC and ST7PMC devices only. They are identifiable: - on the device package, by the last letter of the Trace Code marked on the device package. - on the box, by the last 3 digits of the Internal Sales Type printed in the box label. See also Figure 170. on page 305 The following table gives the limitations and the impacted devices. Table 95. Device Identification Legend: Limitation present = X ; Limitation not present = ❍. Device Type Trace Code marked on device / Internal Sales Type on box label Limitations Flash Devices “xxxxxxxxxB”/ ST7FMCxxxxx$XY X XXX ❍❍ FASTROM Devices “xxxxxxxxxB” / ST7PMCxxxxx$XY X XXX ❍❍ Flash Devices “xxxxxxxxxC”/ ST7FMCxxxxx$XY XX X ❍❍ ❍ FASTROM Devices “xxxxxxxxxC” / ST7PMCxxxxx$XY XX X ❍❍ ❍ Flash Devices “xxxxxxxxxA”/ ST7FMCxxxxx$XY ❍❍ X ❍ XX FASTROM Devices “xxxxxxxxxA” / ST7PMCxxxxx$XY ❍❍ X ❍ XX |