Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST7MC2S4T6 Fiches technique(PDF) 264 Page - STMicroelectronics

No de pièce ST7MC2S4T6
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S4T6 Fiches technique(HTML) 264 Page - STMicroelectronics

Back Button ST7MC2S4T6 Datasheet HTML 260Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 261Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 262Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 263Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 264Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 265Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 266Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 267Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 268Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 308 page
background image
ST7MC1/ST7MC2
264/308
I/O PORT PIN CHARACTERISTICS (Cont’d)
Figure 138. Two typical Applications with
unused I/O Pin
Figure 139. Typical IPU vs. VDD with VIN=VSS
Figure 140. Typical RPU vs. VDD with VIN=VSS
10k
Ω
UNUSED I/O PORT
ST7MC
10k
Ω
UNUSED I/O PORT
ST7MC
VDD
Note: I/O can be left unconnected if it is configured as output
robustness and lower cost.
(0 or 1) by the software. This has the advantage of greater EMC
0
10
20
30
40
50
60
70
80
90
3.5
4
4.5
5
5.5
VDD (V)
Temperature
(-45 ºC)
Temperature
(25 ºC)
Temperature
(90 ºC)
Temperature
(130 ºC)
0
50
100
150
200
250
300
3.5
4
4.5
5
5.5
VDD (V)
Temperature
(-45 ºC)
Temperature
(25 ºC)
Temperature
(90 ºC)
Temperature
(130 ºC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More