Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST7MC2S4T6 Fiches technique(PDF) 151 Page - STMicroelectronics

No de pièce ST7MC2S4T6
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S4T6 Fiches technique(HTML) 151 Page - STMicroelectronics

Back Button ST7MC2S4T6 Datasheet HTML 147Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 148Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 149Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 150Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 151Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 152Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 153Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 154Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 155Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 308 page
background image
ST7MC1/ST7MC2
151/308
MOTOR CONTROLLER (Cont’d)
Table 30 shows the event control selected by the
ZVD and CPB bits. In most cases, the D and Z
events have opposite edge polarity, so the ZVD bit
is usually 0.
Table 30. ZVD and CPB Edge Selection Bits
Legend:
DWF= D window filter
DEF= D event filter
ZWF = Z window filter
ZEF = Z event filter
Refer also to Table 34 on page 161.
ZVD bit
CPB bit
Event generation vs input data sampled
00
01
10
11
Note: The ZVD bit is located in the MPOL register, the CPB bit is in the MCRB register.
CDH
Z
DWF
ZWF
ZEF
DEF
CDH
Z
ZWF
DWF
ZEF
DEF
CDH
Z
ZWF
DWF
DEF
ZEF
CDH
Z
ZWF
DWF
DEF
ZEF
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More