Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST7MC1K2TC Fiches technique(PDF) 278 Page - STMicroelectronics

No de pièce ST7MC1K2TC
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2TC Fiches technique(HTML) 278 Page - STMicroelectronics

Back Button ST7MC1K2TC Datasheet HTML 274Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 275Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 276Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 277Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 278Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 279Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 280Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 281Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 282Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 278 / 308 page
background image
ST7MC1/ST7MC2
278/308
MOTOR CONTROL CHARACTERISTICS (Cont’d)
Figure 155. Example 1: Waveforms For Overcurrent Detection with Current Feedback Filter OFF
Figure 156. Example 2: waveforms for overcurrent detection with current feedback filter ON
(CFF=001 => 2 consecutive samples are needed to validate the overcurrent event)
fmtc
MCOx
Comparator
Output
CL (MCRC)
Sampling time
Sample
fmtc
fPERIPH/4
Comparator
Output
CL (MCRC)
Sampling time
Sample
MCOx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More