Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST92185B3 Fiches technique(PDF) 148 Page - STMicroelectronics

No de pièce ST92185B3
Description  16K/24K/32K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92185B3 Fiches technique(HTML) 148 Page - STMicroelectronics

Back Button ST92185B3 Datasheet HTML 144Page - STMicroelectronics ST92185B3 Datasheet HTML 145Page - STMicroelectronics ST92185B3 Datasheet HTML 146Page - STMicroelectronics ST92185B3 Datasheet HTML 147Page - STMicroelectronics ST92185B3 Datasheet HTML 148Page - STMicroelectronics ST92185B3 Datasheet HTML 149Page - STMicroelectronics ST92185B3 Datasheet HTML 150Page - STMicroelectronics ST92185B3 Datasheet HTML 151Page - STMicroelectronics ST92185B3 Datasheet HTML 152Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 178 page
background image
148/178
ST92185B - SERIAL PERIPHERAL INTERFACE (SPI)
SERIAL PERIPHERAL INTERFACE (Cont’d)
7.6.7 S-Bus Interface
The S-bus is a three-wire bidirectional data-bus,
possessing functional features similar to the I2C-
bus. As opposed to the I2C-bus, the Start/Stop
conditions are determined by encoding the infor-
mation on 3 wires rather than on 2, as shown in
Figure 8. The additional line is referred as SEN.
SPI Working with S-bus
The S-bus protocol uses the same pin configura-
tion as the I2C-bus for generating the SCL and
SDA lines. The additional SEN line is managed
through a standard ST9 I/O port line, under soft-
ware control (see Figure 4).
Figure 92. Mixed S-bus and I2C-bus System
n
Figure 93. S-bus Configuration
n
12
3
4
5
6
START
STOP
VA00440
SCL
SDA
SEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More