| Moteur de recherche de fiches techniques de composants électroniques |
|
ST92196A Fiches technique(PDF) 242 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST92196A Fiches technique(HTML) 242 Page - STMicroelectronics |
|
242 / 268 page ![]() 242/268 ST92E196A/B & ST92T196A/B GENERAL DESCRIPTION Table 49. I/O Port Alternate Functions Port Name General Purpose I/O Pin No. Alternate Functions SDIP56 P0.0 All ports useable for general pur- pose I/O (input, output or bidi- rectional) 14 I/O P0.1 13 I/O P0.2 12 I/O P0.3 11 AIN0 I A/D Analog Data Input 0 P0.4 10 AIN4 I A/D Analog Data Input 4 P0.5 9 AIN5 I A/D Analog Data Input 5 P0.6 8 AIN6 I A/D Analog Data Input 6 P0.7 7 AIN7 I A/D Analog Data Input 7 P2.0 36 IR I IFR Infrared Input INT7 I External Interrupt 7 P2.1 37 AIN1 I A/D Analog Data Input 1 INT6 I External Interrupt 6 P2.2 38 INT3 I External Interrupt 3 AIN2 A/D Analog Data Input 2 VSO1 O Voltage Synthesis Converter Output 1 P2.3 39 INT4 I External Interrupt 4 AIN3 I A/D Analog Data Input 3 VSO2 O Voltage Synthesis Converter Output 2 P2.4 3 INT2 I External Interrupt 2 SCL1 I/O I2C Channel 1 Serial Clock SCK O SPI Serial Clock Output P2.5 4 SDIO I/O SPI Serial Data SDA1 I/O I2C Channel 1 Serial Data P2.6 5 NMI I Non Maskable Interrupt Input P2.7 6 INT5 I External Interrupt 5 PIXCLK O Pixel Clock (after divide-by-2) Output P3.0 24 SCL3 I/O I2C Channel 3 Serial Clock TSLU O Translucency Digital Video Output P3.1 23 SDA3 I/O I2C Channel 3 Serial Data P3.2 22 INT0 I External Interrupt 0 P3.3 21 SYNDET1 I Sync Error Detector Input 1 DSOUT2 O Data Slicer Comparator Output 2 P3.4 20 INT1 I External Interrupt 1 SCL2 I/O I2C Channel 2 Serial Clock TOUTA O MFT Timer output A P3.5 19 TINA I MFT Timer input A SDA2 I/O I2C Channel 2 Serial Data |