Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST92196A Fiches technique(PDF) 131 Page - STMicroelectronics

No de pièce ST92196A
Description  8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92196A Fiches technique(HTML) 131 Page - STMicroelectronics

Back Button ST92196A Datasheet HTML 127Page - STMicroelectronics ST92196A Datasheet HTML 128Page - STMicroelectronics ST92196A Datasheet HTML 129Page - STMicroelectronics ST92196A Datasheet HTML 130Page - STMicroelectronics ST92196A Datasheet HTML 131Page - STMicroelectronics ST92196A Datasheet HTML 132Page - STMicroelectronics ST92196A Datasheet HTML 133Page - STMicroelectronics ST92196A Datasheet HTML 134Page - STMicroelectronics ST92196A Datasheet HTML 135Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 268 page
background image
131/268
- ON SCREEN DISPLAY CONTROLLER (OSD)
OSD CONTROLLER (Cont’d)
8.5.6 Programming the Color Palettes
The Palette attributes are coded inside the two
Palettes (Basic background and foreground, and
Extended background and foreground); they are
therefore accessible in all modes, parallel as well
as serial.
A palette contains 16 colors each defined with a
16-bit word. For each color, you can define the red
level (1 of 8 values), the green level (1 value
among 8), the blue level (1 value among 8), and
the translucency level (1 value among 8).
The color palettes also bring improvements in un-
derline control to allow for “Windows-like” buttons.
Once programmed, color palettes can be changed
in real-time when the OSD is running, that is to say
when the software is filling one row buffer while the
other one is displayed (but take care that the row
currently displayed may be using some of the
colors which you want to modify).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More