Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IS25LP080D Fiches technique(PDF) 107 Page - Integrated Silicon Solution, Inc

No de pièce IS25LP080D
Description  SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ISSI [Integrated Silicon Solution, Inc]
Site Internet  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP080D Fiches technique(HTML) 107 Page - Integrated Silicon Solution, Inc

Back Button IS25LP080D Datasheet HTML 100Page - Integrated Silicon Solution, Inc IS25LP080D Datasheet HTML 101Page - Integrated Silicon Solution, Inc IS25LP080D Datasheet HTML 102Page - Integrated Silicon Solution, Inc IS25LP080D Datasheet HTML 103Page - Integrated Silicon Solution, Inc IS25LP080D Datasheet HTML 104Page - Integrated Silicon Solution, Inc IS25LP080D Datasheet HTML 105Page - Integrated Silicon Solution, Inc IS25LP080D Datasheet HTML 106Page - Integrated Silicon Solution, Inc IS25LP080D Datasheet HTML 107Page - Integrated Silicon Solution, Inc IS25LP080D Datasheet HTML 108Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 107 / 108 page
background image
IS25LP080D
IS25WP080D/040D/020D
Integrated Silicon Solution, Inc.- www.issi.com
107
Rev. A
09/02/2016
Density,
Voltage
Frequency (MHz)
Order Part Number(1)
Package
8Mb,
3V
STR 133,
DTR 66
IS25LP080D-JBLE
IS25LP080D-JBLE1(2)
8-pin SOIC 208mil
IS25LP080D-JNLE
IS25LP080D-JNLE1(2)
8-pin SOIC 150mil
IS25LP080D-JVLE
IS25LP080D-JVLE1(2)
8-pin VVSOP 150mil
IS25LP080D-JKLE
IS25LP080D-JKLE1(2)
8-contact WSON 6x5mm
IS25LP080D-JTLE
IS25LP080D-JTLE1(2)
8-contact USON 4x3mm
IS25LP080D-JULE
IS25LP080D-JULE1(2)
8-contact USON 2x3mm
IS25LP080D-JBLA*(1)
8-pin SOIC 208mil
IS25LP080D-JNLA*(1)
8-pin SOIC 150mil
IS25LP080D-JVLA*(1)
8-pin VVSOP 150mil
IS25LP080D-JKLA*(1)
8-contact WSON 6x5mm
IS25LP080D-JTLA*(1)
8-contact USON 4x3mm
IS25LP080D-JULA*(1)
8-contact USON 2x3mm
IS25LP080D-JWLE(2)
KGD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More