Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAP1114 Fiches technique(PDF) 102 Page - Microchip Technology

No de pièce CAP1114
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1114 Fiches technique(HTML) 102 Page - Microchip Technology

Back Button CAP1114 Datasheet HTML 94Page - Microchip Technology CAP1114 Datasheet HTML 95Page - Microchip Technology CAP1114 Datasheet HTML 96Page - Microchip Technology CAP1114 Datasheet HTML 97Page - Microchip Technology CAP1114 Datasheet HTML 98Page - Microchip Technology CAP1114 Datasheet HTML 99Page - Microchip Technology CAP1114 Datasheet HTML 100Page - Microchip Technology CAP1114 Datasheet HTML 101Page - Microchip Technology CAP1114 Datasheet HTML 102Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 102 / 102 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
Revision 1.1 (02-04-11)
102
SMSC CAP1114
DATASHEET
Section 6.49, "LED Pulse 1
Period Register"
Removed mirrored figures as behavior is the
same. ST_TRIG applies to host drive, too.
Section 6.50, "LED Pulse 2
Period Register"
The pulse during which the release is detected
counts as one of the pulses.
Section 6.53, "LED Pulse
and Breathe Duty Cycle
Registers"
Duty cycle changes are only applied immediately
in Direct behavior. Removed incorrect application
note.
Section 6.54, "LED Direct
Ramp Rates Register"
Ramp rates apply to host control, too.
Table 6.79, "Rise / Fall Rate
Cycle Decode"
For 750ms, bit settings are 011 instead of 111.
Section 6.55, "LED Off
Delay Register"
Removed: “This register is only used if the LED is
linked to a Capacitive Touch sensor.”
Rev. 1.0 (12-09-09)
Formal release
Table 8.1 Customer Revision History (continued)
REVISION LEVEL & DATE
SECTION/FIGURE/ENTRY
CORRECTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More