Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST72561 Fiches technique(PDF) 256 Page - STMicroelectronics

No de pièce ST72561
Description  8-BIT MCU WITH FLASH OR ROM, 10-BIT ADC, 5 TIMERS, SPI, LINSCI , ACTIVE CAN
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72561 Fiches technique(HTML) 256 Page - STMicroelectronics

Back Button ST72561 Datasheet HTML 252Page - STMicroelectronics ST72561 Datasheet HTML 253Page - STMicroelectronics ST72561 Datasheet HTML 254Page - STMicroelectronics ST72561 Datasheet HTML 255Page - STMicroelectronics ST72561 Datasheet HTML 256Page - STMicroelectronics ST72561 Datasheet HTML 257Page - STMicroelectronics ST72561 Datasheet HTML 258Page - STMicroelectronics ST72561 Datasheet HTML 259Page - STMicroelectronics ST72561 Datasheet HTML 260Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 262 page
background image
ST72561
256/262
14.2 DEVICE ORDERING INFORMATION AND
TRANSFER OF CUSTOMER CODE
Customer code is made up of the ROM/FAS-
TROM contents and the list of the selected options
(if any). The ROM/FASTROM contents are to be
sent on diskette, or by electronic means, with the
S19 hexadecimal file generated by the develop-
ment tool. All unused bytes must be set to FFh.
The
selected
options
are
communicated
to
STMicroelectronics using the correctly completed
OPTION LIST appended.
Refer to application note AN1635 for information
on the counter listing returned by ST after code
has been transferred.
The STMicroelectronics Sales Organization will be
pleased to provide detailed information on con-
tractual points.
14.2.1 Version-Specific Sales Conditions
To satisfy the different customer requirements and
to ensure that ST Standard Microcontrollers will
consistently meet or exceed the expectations of
each Market Segment, the Codification System for
Standard Microcontrollers clearly distinguishes
products intended for use in automotive environ-
ments, from products intended for use in non-auto-
motive environments.
It is the responsibility of the Customer to select the
appropriate product for his application.
Figure 155. ROM Factory Coded Device Types
Figure 156. FASTROM Factory Coded Device Types
Figure 157. FLASH User Programmable Device Types
DEVICE PACKAGE VERSION
XXX
/
Code name (defined by STMicroelectronics)
C = Automotive -40 to +125 °C
T= Plastic Thin Quad Flat Pack
ST72561AR9, ST72561AR6,
ST72561R9, ST72561R6,
ST72561J9,ST72561J6
ST72561K9,ST72561K6
DEVICE PACKAGE VERSION
XXX
/
Code name (defined by STMicroelectronics)
C = Automotive -40 to +125 °C
T= Plastic Thin Quad Flat Pack
ST72P561AR9, ST72P561AR6,
ST72P561R9, ST72P561R6,
ST72P561J9,ST72P561J6
ST72P561K9,ST72P561K6
DEVICE PACKAGE VERSION
C = Automotive -40 to +125 °C
T= Plastic Thin Quad Flat Pack
ST72F561AR9, ST72F561AR6,
ST72F561R9, ST72F561R6,
ST72F561J9,ST72F561J6
ST72F561K9,ST72F561K6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More