Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST72561 Fiches technique(PDF) 178 Page - STMicroelectronics

No de pièce ST72561
Description  8-BIT MCU WITH FLASH OR ROM, 10-BIT ADC, 5 TIMERS, SPI, LINSCI , ACTIVE CAN
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72561 Fiches technique(HTML) 178 Page - STMicroelectronics

Back Button ST72561 Datasheet HTML 174Page - STMicroelectronics ST72561 Datasheet HTML 175Page - STMicroelectronics ST72561 Datasheet HTML 176Page - STMicroelectronics ST72561 Datasheet HTML 177Page - STMicroelectronics ST72561 Datasheet HTML 178Page - STMicroelectronics ST72561 Datasheet HTML 179Page - STMicroelectronics ST72561 Datasheet HTML 180Page - STMicroelectronics ST72561 Datasheet HTML 181Page - STMicroelectronics ST72561 Datasheet HTML 182Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 262 page
background image
ST72561
178/262
beCAN CONTROLLER (Cont’d)
10.9.4.2 Reception Handling
For the reception of CAN messages, three
mailboxes organized as a FIFO are provided. In
order to save CPU load, simplify the software and
guarantee data consistency, the FIFO is managed
completely by hardware. The application accesses
the messages stored in the FIFO through the FIFO
output mailbox.
Valid Message
A received message is considered as valid when it
has been received correctly according to the CAN
protocol (no error until the last but one bit of the
EOF field) and It passed through the identifier fil-
tering successfully, see Section 10.9.4.3 "Identifier
Filtering".
Figure 101. Receive FIFO states
EMPTY
Valid Message
FMP=0x00
FOVR=0
PENDING_1
FMP=0x01
FOVR=0
Received
PENDING_2
FMP=0x10
FOVR=0
PENDING_3
FMP=0x11
FOVR=0
Valid Message
Received
Release
OVERRUN
FMP=0x11
FOVR=1
Mailbox
Release
Mailbox
Valid Message
Received
Valid Message
Received
Release
Mailbox
Release
Mailbox
Valid Message
Received
RFOM=1
RFOM=1
RFOM=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More