Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GXM Fiches technique(PDF) 198 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Fiches technique(HTML) 198 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 194Page - National Semiconductor (TI) GXM Datasheet HTML 195Page - National Semiconductor (TI) GXM Datasheet HTML 196Page - National Semiconductor (TI) GXM Datasheet HTML 197Page - National Semiconductor (TI) GXM Datasheet HTML 198Page - National Semiconductor (TI) GXM Datasheet HTML 199Page - National Semiconductor (TI) GXM Datasheet HTML 200Page - National Semiconductor (TI) GXM Datasheet HTML 201Page - National Semiconductor (TI) GXM Datasheet HTML 202Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 244 page
background image
www.national.com
198
Revision 3.1
Package Specifications (Continued)
8.2
MECHANICAL PACKAGE OUTLINES
Dimensions for the BGA package are shown in Figure 8-2. Figure 8-3 shows the SPGA dimensions. Table 8-3 gives the
legend for the symbols used in both package outlines.
Figure 8-2. 352-Terminal BGA Mechanical Package Outline
Sym
Millimeters
Inches
MinMax
MinMax
A
1.45
2.23
0.057
0.088
A1
0.50
0.70
0.020
0.028
A2
0.43
0.83
0.017
0.033
aaa
0.20
0.008
B
0.60
0.90
0.024
0.035
D
34.80
35.20
1.370
1.386
D1
31.55
31.95
1.242
1.258
D2
32.80
35.20
1.291
1.386
E1
1.12
1.42
0.044
0.056
F
0.35
0.014
S1
1.42
1.82
0.056
0.072
F
D2
A01 Index Chamfer
1.5mmonaside
45 Degree Angle
CU Heat
Spreader
.889
REF.
S1
D1
D
D
1.5
1.5
E1
B
A1
A2
A
Seating
Plane
aaa Z
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More