Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GXM Fiches technique(PDF) 176 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Fiches technique(HTML) 176 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 172Page - National Semiconductor (TI) GXM Datasheet HTML 173Page - National Semiconductor (TI) GXM Datasheet HTML 174Page - National Semiconductor (TI) GXM Datasheet HTML 175Page - National Semiconductor (TI) GXM Datasheet HTML 176Page - National Semiconductor (TI) GXM Datasheet HTML 177Page - National Semiconductor (TI) GXM Datasheet HTML 178Page - National Semiconductor (TI) GXM Datasheet HTML 179Page - National Semiconductor (TI) GXM Datasheet HTML 180Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 244 page
background image
www.national.com
176
Revision 3.1
Power Management (Continued)
6.5.2
Initiating Suspend with HALT
The CPU also enters Suspend mode as a result of execut-
ing a HALT instruction if the SUSP_HALT bit in CCR2
(Index C2h[3]) is set. Suspend mode is then exited upon
recognition of an NMI, an unmasked INTR, or an SMI#.
Normally SUSPA# is deactivated within six SYSCLKS
from the detection of an active interrupt. However, the
deactivation of SUSPA# may be delayed until the end of
an active refresh cycle.
The CPU also allows PCI accesses during a HALT-initi-
ated Suspend mode. If the CPU is in the middle of a PCI
access when the Halt instruction is executed, the asser-
tion of SUSPA# will be delayed until the PCI access is
completed.
Figure 6-2. HALT-Initiated Suspend Mode
SYSCLK
FRAME#
C/BE[3:0]#
AD[15:0]
IRDY#
INTR, NMI,
SUSPA#
O
X
I
I
X
X
SMI#
HALT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More