Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GXM Fiches technique(PDF) 115 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Fiches technique(HTML) 115 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 111Page - National Semiconductor (TI) GXM Datasheet HTML 112Page - National Semiconductor (TI) GXM Datasheet HTML 113Page - National Semiconductor (TI) GXM Datasheet HTML 114Page - National Semiconductor (TI) GXM Datasheet HTML 115Page - National Semiconductor (TI) GXM Datasheet HTML 116Page - National Semiconductor (TI) GXM Datasheet HTML 117Page - National Semiconductor (TI) GXM Datasheet HTML 118Page - National Semiconductor (TI) GXM Datasheet HTML 119Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 244 page
background image
Revision 3.1
115
www.national.com
Integrated Functions (Continued)
4.3.6
Memory Cycles
Figures 4-5 through Figure 4-8 on page 117 illustrate vari-
ous memory cycles that the memory controller supports.
The following subsections describe some of the sup-
ported cycles.
SDRAM Read Cycle
Figure 4-5shows aSDRAMreadcycle.The figure
assumes that a previous ACT command has presented
the row address for the read operation. Note that the burst
length for the READ command is always two.
Figure 4-5. Basic Read Cycle with a CAS Latency of Two
SDCLK
CS#
RAS#
CAS#
WE#
DQM
MD
MA
COL n
nn+1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More