Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N5225 Fiches technique(PDF) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

No de pièce 1N5225
Description  ZENER DIODES Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Site Internet  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

1N5225 Fiches technique(HTML) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  1N5225 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd 1N5225 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd 1N5225 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd 1N5225 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd 1N5225 Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N0187, Rev. A
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
1N5225
Thru
1N5267
NOTES:
(1) The Zener impedance is derived from the 1 kHz AC voltage which results when an AC current having an RMS value equal to 10% of the
Zener current (IZT or IZK) is superimposed on IZT or IZK. Zener impedance is measured at two points to insure a sharp knee on the
breakdown curve and to eliminate unstable units
(2) Valid provided that leads at a distance of 10 mm from case are kept at ambient temperature
(3) Measured with device junction in thermal equilibrium


Numéro de pièce similaire - 1N5225

FabricantNo de pièceFiches techniqueDescription
logo
Surge Components
1N5225 SURGE-1N5225 Datasheet
88Kb / 2P
SILICON PLANAR ZENER DIODES?
logo
Seme LAB
1N5225 SEME-LAB-1N5225 Datasheet
15Kb / 2P
ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
logo
Semtech Corporation
1N5225 SEMTECH-1N5225 Datasheet
296Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Shanghai Lunsure Electr...
1N5225 CHENYI-1N5225 Datasheet
66Kb / 4P
0.5W SILICON PLANAR ZENER DIODES
logo
General Semiconductor
1N5225 GE-1N5225 Datasheet
74Kb / 3P
ZENER DIODES
More results

Description similaire - 1N5225

FabricantNo de pièceFiches techniqueDescription
logo
Compensated Deuices Inc...
BZV55C2V4 CDI-DIODE-BZV55C2V4 Datasheet
15Kb / 1P
ZENER DIODES
logo
General Semiconductor
ZM4728 GE-ZM4728 Datasheet
69Kb / 3P
ZENER DIODES
ZPY1 GE-ZPY1 Datasheet
217Kb / 5P
ZENER DIODES
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
ZENER DIODES DIODES ZENER
logo
EIC discrete Semiconduc...
1N4728G EIC-1N4728G Datasheet
34Kb / 2P
ZENER DIODES
BZX85B EIC-BZX85B Datasheet
33Kb / 2P
ZENER DIODES
GDZ EIC-GDZ Datasheet
40Kb / 2P
ZENER DIODES
MM5Z2V4 EIC-MM5Z2V4 Datasheet
109Kb / 2P
ZENER DIODES
MMSZ2V4 EIC-MMSZ2V4 Datasheet
114Kb / 3P
ZENER DIODES
ZM4728 EIC-ZM4728 Datasheet
34Kb / 2P
ZENER DIODES
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com