Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MJ1-2502 Fiches technique(PDF) 1 Page - CUI INC

No de pièce MJ1-2502
Description  2.5mm AUDIO JACK-MONO
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CUI [CUI INC]
Site Internet  http://www.cui.com
Logo CUI - CUI INC

MJ1-2502 Fiches technique(HTML) 1 Page - CUI INC

  MJ1-2502 Datasheet HTML 1Page - CUI INC MJ1-2502 Datasheet HTML 2Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RoHS
20050 SW 112th Ave.
Tualatin, OR 97062
Phone: 503-612-2300
800-275-4899
Fax: 503-612-2383
Website: www.cui.com
2
SCHEMATIC
MODEL NO.
3
1
MJ1-2502
1.15 0.045
5.3 0.209
10.55 0.415
1.15 0.045
5.3 0.209
10.55 0.415
0.5 0.020
5.50 0.217
5.0 0.197
(3 PLCS)
3
12
2.0 0.079
(3 PLCS)
M4X0.5
3.5 0.138
0.484
12.3
0.5 0.020
X.XXX ±0.05mm
Copper Alloy
Brass
Tin
Brass
A
MATERIAL
TERMINAL 1
TERMINAL 2
TERMINAL 3
HOUSING
PLATING
BUSHING
PBT
X.XX ±0.1mm
X.X ±0.2mm
TOLERANCE:
Tin
Tin
LIFE: 5,000 CYCLES
Brass
SPECIFICATIONS:
RATING: 12V DC @ 1A
CONTACT RESISTANCE: 30m OHMS MAX
INSULATION RESISTANCE: 50M OHMS MIN: 500V DC
VOLTAGE WITHSTAND: 500V AC R.M.S. FOR 1 MINUTE
Nickel
3:1
2.5mm AUDIO JACK-MONO
COPYRIGHT 2009 BY CUI INC.
TITLE:
MM [INCHES]
MJ1-2502
MJ1-2502
PC FILE NAME:
APPROVED BY:
DRAWN BY:
UNITS:
PART NO.
ZRJ
SCALE:
REV:
2
1
PCB LAYOUT
TOP VIEW
1.00X2.50
(3 PLCS)
3
REV.
DESCRIPTION
DATE
A
NEW DRAWING
6/24/2009
9.5 0.374
0.276
0.197
5.00
7.0
2.600 0.102
0.90
For more information, please visit the product page.


Numéro de pièce similaire - MJ1-2502

FabricantNo de pièceFiches techniqueDescription
logo
CUI Devices
MJ1-2502 CUID-MJ1-2502 Datasheet
316Kb / 3P
AUDIO JACK
05/08/2023
More results

Description similaire - MJ1-2502

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
MJ-2505 ETC1-MJ-2505 Datasheet
43Kb / 1P
2.5mm AUDIO JACK-MONO
logo
CUI INC
MJ-2505 CUI-MJ-2505 Datasheet
25Kb / 1P
2.5mm AUDIO JACK - MONO
MJ-2502 CUI-MJ-2502 Datasheet
32Kb / 1P
2.5mm AUDIO JACK-MONO
MJ-2507 CUI-MJ-2507 Datasheet
65Kb / 1P
2.5mm AUDIO JACK-MONO
MJ-2508 CUI-MJ-2508 Datasheet
81Kb / 1P
2.5mm AUDIO JACK-MONO
MJ-2506 CUI-MJ-2506 Datasheet
26Kb / 1P
2.5mm AUDIO JACK-MONO
MJ-2506N CUI-MJ-2506N Datasheet
22Kb / 1P
2.5mm AUDIO JACK-MONO
MJ-2508N CUI-MJ-2508N Datasheet
80Kb / 1P
2.5mm AUDIO JACK-MONO
MJ1-2510-SMT CUI-MJ1-2510-SMT Datasheet
88Kb / 1P
2.5mm SMT AUDIO JACK-MONO
MJ-2523-SMT CUI-MJ-2523-SMT Datasheet
287Kb / 1P
2.5mm SURFACE MOUNT AUDIO JACK-MONO
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com