Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MJ1-2502 Fiches technique(PDF) 2 Page - CUI INC

No de pièce MJ1-2502
Description  2.5mm AUDIO JACK-MONO
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CUI [CUI INC]
Site Internet  http://www.cui.com
Logo CUI - CUI INC

MJ1-2502 Fiches technique(HTML) 2 Page - CUI INC

  MJ1-2502 Datasheet HTML 1Page - CUI INC MJ1-2502 Datasheet HTML 2Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MJ1-2502
M4X0.5 (2.5 mm) nut
COPYRIGHT 2009 BY CUI INC.
TITLE:
MM
SCALE:
APPROVED BY:
DRAWN BY:
UNITS:
PART NO.
JRH
REV:
Website: www.cui.com
A
20050 SW 112th Ave.
Tualatin, OR 97062
Phone: 503-612-2300
800-275-4899
Fax: 503-612-2383
RoHS
DATE
DESCRIPTION
REV.
6/24/2009
NEW DRAWING
A
For more information, please visit the product page.


Numéro de pièce similaire - MJ1-2502

FabricantNo de pièceFiches techniqueDescription
logo
CUI Devices
MJ1-2502 CUID-MJ1-2502 Datasheet
316Kb / 3P
AUDIO JACK
05/08/2023
More results

Description similaire - MJ1-2502

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
MJ-2505 ETC1-MJ-2505 Datasheet
43Kb / 1P
2.5mm AUDIO JACK-MONO
logo
CUI INC
MJ-2505 CUI-MJ-2505 Datasheet
25Kb / 1P
2.5mm AUDIO JACK - MONO
MJ-2502 CUI-MJ-2502 Datasheet
32Kb / 1P
2.5mm AUDIO JACK-MONO
MJ-2507 CUI-MJ-2507 Datasheet
65Kb / 1P
2.5mm AUDIO JACK-MONO
MJ-2508 CUI-MJ-2508 Datasheet
81Kb / 1P
2.5mm AUDIO JACK-MONO
MJ-2506 CUI-MJ-2506 Datasheet
26Kb / 1P
2.5mm AUDIO JACK-MONO
MJ-2506N CUI-MJ-2506N Datasheet
22Kb / 1P
2.5mm AUDIO JACK-MONO
MJ-2508N CUI-MJ-2508N Datasheet
80Kb / 1P
2.5mm AUDIO JACK-MONO
MJ1-2510-SMT CUI-MJ1-2510-SMT Datasheet
88Kb / 1P
2.5mm SMT AUDIO JACK-MONO
MJ-2523-SMT CUI-MJ-2523-SMT Datasheet
287Kb / 1P
2.5mm SURFACE MOUNT AUDIO JACK-MONO
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com