| Moteur de recherche de fiches techniques de composants électroniques |
|
SWCS049B Fiches technique(PDF) 113 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SWCS049B Fiches technique(HTML) 113 Page - Texas Instruments |
|
113 / 119 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 1-Apr-2016 Addendum-Page 2 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples TPS659112A2ZRCR ACTIVE BGA MICROSTAR JUNIOR ZRC 98 2500 Green (RoHS & no Sb/Br) SNAGCU Level-3-260C-168 HR -40 to 85 TPS659112A2 TPS6591133A2ZRC ACTIVE BGA MICROSTAR JUNIOR ZRC 98 240 Green (RoHS & no Sb/Br) SNAGCU Level-3-260C-168 HR -40 to 85 TPS6591133A2 TPS6591133A2ZRCR ACTIVE BGA MICROSTAR JUNIOR ZRC 98 2500 Green (RoHS & no Sb/Br) SNAGCU Level-3-260C-168 HR -40 to 85 TPS6591133A2 TPS659113A2ZRC NRND BGA MICROSTAR JUNIOR ZRC 98 240 Green (RoHS & no Sb/Br) SNAGCU Level-3-260C-168 HR -40 to 85 TPS659113A2 TPS659113A2ZRCR NRND BGA MICROSTAR JUNIOR ZRC 98 2500 Green (RoHS & no Sb/Br) SNAGCU Level-3-260C-168 HR -40 to 85 TPS659113A2 TPS659114A2ZRCR ACTIVE BGA MICROSTAR JUNIOR ZRC 98 2500 Green (RoHS & no Sb/Br) SNAGCU Level-3-260C-168 HR -40 to 85 659114A2 TPS659114A2ZRCT ACTIVE BGA MICROSTAR JUNIOR ZRC 98 250 Green (RoHS & no Sb/Br) SNAGCU Level-3-260C-168 HR -40 to 85 659114A2 TPS659118A2ZRCR PREVIEW BGA MICROSTAR JUNIOR ZRC 98 2500 Green (RoHS & no Sb/Br) SNAGCU Level-3-260C-168 HR -40 to 85 659118A2 TPS659118A2ZRCT PREVIEW BGA MICROSTAR JUNIOR ZRC 98 250 Green (RoHS & no Sb/Br) SNAGCU Level-3-260C-168 HR -40 to 85 659118A2 (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. (2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability information and additional product content details. TBD: The Pb-Free/Green conversion plan has not been defined. |