| Moteur de recherche de fiches techniques de composants électroniques |
|
SWCS049F Fiches technique(PDF) 116 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SWCS049F Fiches technique(HTML) 116 Page - Texas Instruments |
|
116 / 119 page ![]() Device Package Type Package Drawing Pins SPQ Reel Diameter (mm) Reel Width W1 (mm) A0 (mm) B0 (mm) K0 (mm) P1 (mm) W (mm) Pin1 Quadrant OR TPS659112A2ZRCR BGA MI CROSTA R JUNI OR ZRC 98 2500 330.0 16.4 6.3 9.3 1.5 12.0 16.0 Q1 TPS6591133A2ZRCR BGA MI CROSTA R JUNI OR ZRC 98 2500 330.0 16.4 6.3 9.3 1.5 12.0 16.0 Q1 TPS659113A2ZRCR BGA MI CROSTA R JUNI OR ZRC 98 2500 330.0 16.4 6.3 9.3 1.5 12.0 16.0 Q1 TPS659114A2ZRCR BGA MI CROSTA R JUNI OR ZRC 98 2500 330.0 16.4 6.3 9.3 1.5 12.0 16.0 Q1 *All dimensions are nominal Device Package Type Package Drawing Pins SPQ Length (mm) Width (mm) Height (mm) TPS6591102A2ZRCR BGA MICROSTAR JUNIOR ZRC 98 2500 336.6 336.6 31.8 TPS6591104A2ZRCR BGA MICROSTAR JUNIOR ZRC 98 2500 336.6 336.6 31.8 PACKAGE MATERIALS INFORMATION www.ti.com 14-Mar-2016 Pack Materials-Page 2 |