Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PE42542A-X Fiches technique(PDF) 10 Page - Peregrine Semiconductor

No de pièce PE42542A-X
Description  UltraCMOS SP4T RF Switch 9 kHz-18 GHz
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PSEMI [Peregrine Semiconductor]
Site Internet  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE42542A-X Fiches technique(HTML) 10 Page - Peregrine Semiconductor

Back Button PE42542A-X Datasheet HTML 6Page - Peregrine Semiconductor PE42542A-X Datasheet HTML 7Page - Peregrine Semiconductor PE42542A-X Datasheet HTML 8Page - Peregrine Semiconductor PE42542A-X Datasheet HTML 9Page - Peregrine Semiconductor PE42542A-X Datasheet HTML 10Page - Peregrine Semiconductor PE42542A-X Datasheet HTML 11Page - Peregrine Semiconductor PE42542A-X Datasheet HTML 12Page - Peregrine Semiconductor PE42542A-X Datasheet HTML 13Page - Peregrine Semiconductor PE42542A-X Datasheet HTML 14Page - Peregrine Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Product Specification
PE42542
Page 10 of 14
Document No. DOC-12214-4
│ UltraCMOS® RFIC Solutions
©2013-2014 Peregrine Semiconductor Corp. All rights reserved.
Typical Performance Data @ 25°C and VDD = 3.3V (ZS = ZL = 50Ω ), unless otherwise noted
Figure 16. Isolation vs. Temp
(RFC–RFX, RF1 or RF2 Active)*
Figure 17. Isolation vs. VDD
(RFC–RFX, RF1 or RF2 Active)*
Figure 18. Isolation vs. Temp
(RFC–RFX, RF3 or RF4 Active)*
Figure 19. Isolation vs. VDD
(RFC–RFX, RF3 or RF4 Active)*
Note: *
RF1 adjacent to RF3
RF2 adjacent to RF4
RF1 and RF3 opposite to RF2 and RF4


Numéro de pièce similaire - PE42542A-X

FabricantNo de pièceFiches techniqueDescription
logo
Pasternack Enterprises,...
PE4254 PASTERNACK-PE4254 Datasheet
217Kb / 2P
75 Ohm SMC Jack Connector Crimp-Solder Attachment For RG179, RG187
PE4254 PASTERNACK-PE4254 Datasheet
316Kb / 3P
75 Ohm SMC Jack Connector Crimp/Solder Attachment
logo
Peregrine Semiconductor...
PE42540 PEREGRINE-PE42540 Datasheet
548Kb / 12P
UltraCMOS SP4T RF Switch
logo
Peregrine Semiconductor
PE42540 PSEMI-PE42540 Datasheet
520Kb / 12P
UltraCMOS SP4T RF Switch
logo
Peregrine Semiconductor...
PE42540 PEREGRINE-PE42540 Datasheet
520Kb / 12P
UltraCMOS
More results

Description similaire - PE42542A-X

FabricantNo de pièceFiches techniqueDescription
logo
Peregrine Semiconductor
PE42543 PSEMI-PE42543 Datasheet
666Kb / 14P
UltraCMOS SP4T RF Switch 9 kHz-18 GHz
PE42546 PSEMI-PE42546 Datasheet
352Kb / 17P
UltraCMOS® SP4T RF Switch, 9 kHz–52 GHz
05/2023
PE42545 PSEMI-PE42545 Datasheet
315Kb / 16P
UltraCMOS® SP4T RF Switch, 9 kHz–67 GHz
07/2023
PE42553 PSEMI-PE42553 Datasheet
3Mb / 19P
UltraCMOS SPDT RF Switch, 9 kHz-8 GHz
PE42520 PSEMI-PE42520 Datasheet
547Kb / 16P
UltraCMOS SPDT RF Switch 9 kHz - 13 GHz
PE42522 PSEMI-PE42522 Datasheet
606Kb / 25P
UltraCMOS SPDT RF Switch, 9 kHz-26.5 GHz
PE42521 PSEMI-PE42521 Datasheet
547Kb / 16P
UltraCMOS SPDT RF Switch 9 kHz - 13 GHz
logo
Teledyne Technologies I...
TDSW0602T TELEDYNE-TDSW0602T Datasheet
822Kb / 12P
UltraCMOS® SPDT RF Switch, 9 kHz–60 GHz
Rev - 08/2019
logo
Peregrine Semiconductor
PE42440 PSEMI-PE42440 Datasheet
497Kb / 8P
SP4T UltraCMOS RF Switch
logo
Peregrine Semiconductor...
PE42641 PEREGRINE-PE42641 Datasheet
306Kb / 9P
SP4T UltraCMOS RF Switch DC - 3.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com