Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VX6854LC Fiches technique(PDF) 107 Page - STMicroelectronics

No de pièce VX6854LC
Description  QXGA EDOF camera module
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6854LC Fiches technique(HTML) 107 Page - STMicroelectronics

Back Button VX6854LC Datasheet HTML 103Page - STMicroelectronics VX6854LC Datasheet HTML 104Page - STMicroelectronics VX6854LC Datasheet HTML 105Page - STMicroelectronics VX6854LC Datasheet HTML 106Page - STMicroelectronics VX6854LC Datasheet HTML 107Page - STMicroelectronics VX6854LC Datasheet HTML 108Page - STMicroelectronics VX6854LC Datasheet HTML 109Page - STMicroelectronics VX6854LC Datasheet HTML 110Page - STMicroelectronics VX6854LC Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 114 page
background image
DocID027110 Rev 2
107/114
VX6854LC
Defect categorization
110
The contents of the fail map determine whether the sensor fails the physical aberration test.
The module fail criteria is:
Pass if: <= 82 contiguous pixel entries in the failure map for each color channel.
An example of contiguous pixels entries is given in Figure 50.
Figure 50. Contiguous pixel example
The group of pixels enclosed in the circle are
contiguous, that is every pixel in the group is
attached to at least one neighbouring pixel.
The other pixel entries shown in the figure
are non contiguous as they have no
touching neighbours.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More