Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MUR805 Fiches technique(PDF) 3 Page - Kersemi Electronic Co., Ltd.

No de pièce MUR805
Description  Power Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KERSEMI [Kersemi Electronic Co., Ltd.]
Site Internet  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

MUR805 Fiches technique(HTML) 3 Page - Kersemi Electronic Co., Ltd.

  MUR805 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. MUR805 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. MUR805 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. MUR805 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. MUR805 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. MUR805 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. MUR805 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MUR805, MUR810, MUR815, MUR820, MUR840, MUR860
http://kersemi.com
3
MUR805, MUR810, MUR815, MUR820
Figure 1. Typical Forward Voltage
vF, INSTANTANEOUS VOLTAGE (VOLTS)
0.2
0.5
0.3
0.7
30
0.1
0.3
0.2
2.0
1.0
100
20
7.0
3.0
0.5
5.0
50
1.2
VR, REVERSE VOLTAGE (VOLTS)
060
40
100
120
1000
0.1
0.01
10
100
TJ = 175°C
20
80
200
Figure 2. Typical Reverse Current*
TA, AMBIENT TEMPERATURE (°C)
0
12
2.0
6.0
4.0
14
0
20
40
60
80
200
TC, CASE TEMPERATURE (°C)
140
150
0
2.0
1.0
3.0
5.0
4.0
180
Figure 3. Current Derating, Case
Figure 4. Current Derating, Ambient
0
1.0
6.0
10
0
1.0
2.0
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
Figure 5. Power Dissipation
0.4
0.7
10
70
0.9
1.1
100
°C
TJ = 175°C
25
°C
160
180
140
1.0
100
°C
25
°C
170
160
* The curves shown are typical for the highest voltage device in the
grouping. Typical reverse current for lower voltage selections can be
estimated from these same curves if VR is sufficiently below rated VR.
TJ = 175°C
3.0
4.0
10
5.0
2.0
RATED VR APPLIED
dc
SQUARE WAVE
SQUARE WAVE
0.6
0.8
1.0
100
120
140
160
180
8.0
10
dc
5.0
6.0
7.0
8.0
9.0
3.0
4.0
9.0
8.0
7.0
7.0
6.0
8.0
10
9.0
SQUARE WAVE
dc
SQUARE WAVE
dc
RqJA = 16°C/W
RqJA = 60°C/W
(NO HEAT SINK)


Numéro de pièce similaire - MUR805

FabricantNo de pièceFiches techniqueDescription
logo
Micro Commercial Compon...
MUR805 MCC-MUR805 Datasheet
102Kb / 2P
8 Amp S uper Fast Glass Passivated R ec tif ie r 50 to 400 Volts
logo
ON Semiconductor
MUR805 ONSEMI-MUR805 Datasheet
106Kb / 8P
SWITCHMODE Power Rectifiers
December, 2004 ??Rev. 5
MUR805 ONSEMI-MUR805 Datasheet
80Kb / 7P
ULTRAFAST RECTIFIERS 8.0 AMPERES, 50??00 VOLTS
July, 2006 ??Rev. 7
logo
Galaxy Semi-Conductor H...
MUR805 BILIN-MUR805 Datasheet
192Kb / 2P
ULTRA FAST RECTIFIER
logo
Shanghai Lunsure Electr...
MUR805 CHENYI-MUR805 Datasheet
68Kb / 2P
8Amp super fast glass passivated rectifier 50to400 volts
More results

Description similaire - MUR805

FabricantNo de pièceFiches techniqueDescription
logo
Microsemi Corporation
USD735 MICROSEMI-USD735 Datasheet
84Kb / 2P
POWER SCHOTTKY RECTIFIERS
logo
Semikron International
SKBB80-70-4 SEMIKRON-SKBB80-70-4 Datasheet
362Kb / 3P
Power Bridge Rectifiers
DBI25 SEMIKRON-DBI25 Datasheet
324Kb / 3P
Power Bridge Rectifiers
logo
Microsemi Corporation
USD520 MICROSEMI-USD520_03 Datasheet
135Kb / 3P
POWER SCHOTTKY RECTIFIERS
logo
Yea Shin Technology Co....
MUR405 YEASHIN-MUR405 Datasheet
84Kb / 3P
Power Rectifiers
logo
Kersemi Electronic Co.,...
MUR420RLG KERSEMI-MUR420RLG Datasheet
426Kb / 7P
Power Rectifiers
MUR805 KERSEMI-MUR805 Datasheet
468Kb / 7P
Power Rectifiers
logo
EM Microelectronic - MA...
MUR420RLG EMMICRO-MUR420RLG Datasheet
426Kb / 7P
Power Rectifiers
MUR805 EMMICRO-MUR805 Datasheet
468Kb / 7P
Power Rectifiers
logo
New Jersey Semi-Conduct...
MUR1610CT NJSEMI-MUR1610CT Datasheet
80Kb / 2P
Power Rectifiers
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com