Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RPC56EL60L5BFSY Fiches technique(PDF) 118 Page - STMicroelectronics

No de pièce RPC56EL60L5BFSY
Description  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC56EL60L5BFSY Fiches technique(HTML) 118 Page - STMicroelectronics

Back Button RPC56EL60L5BFSY Datasheet HTML 114Page - STMicroelectronics RPC56EL60L5BFSY Datasheet HTML 115Page - STMicroelectronics RPC56EL60L5BFSY Datasheet HTML 116Page - STMicroelectronics RPC56EL60L5BFSY Datasheet HTML 117Page - STMicroelectronics RPC56EL60L5BFSY Datasheet HTML 118Page - STMicroelectronics RPC56EL60L5BFSY Datasheet HTML 119Page - STMicroelectronics RPC56EL60L5BFSY Datasheet HTML 120Page - STMicroelectronics RPC56EL60L5BFSY Datasheet HTML 121Page - STMicroelectronics RPC56EL60L5BFSY Datasheet HTML 122Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 137 page
background image
Electrical characteristics
RPC56EL60L5
118/137
DocID026934 Rev 1
3.20
AC timing characteristics
AC Test Timing Conditions: Unless otherwise noted, all test conditions are as follows:
TJ = –40 to 150 C
Supply voltages as specified in Table 9
Input conditions: All Inputs: tr, tf = 1 ns
Output Loading: All Outputs: 50 pF
3.20.1
RESET pin characteristics
The RPC56EL60L5 implements a dedicated bidirectional RESET pin.
Figure 20. Start-up reset requirements
Figure 21. Noise filtering on reset signal
VIL
VDD
device reset forced by RESET
VDDMIN
RESET
VIH
device start-up phase
VRESET
VIL
VIH
VDD
filtered by
hysteresis
filtered by
lowpass filter
WFRST
WNFRST
hw_rst
‘1’
‘0’
filtered by
lowpass filter
WFRST
unknown reset
state
device under hardware reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More