Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADP1055ACPZ-R7 Fiches technique(PDF) 127 Page - Analog Devices

No de pièce ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Fiches technique(HTML) 127 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 123Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 124Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 125Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 126Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 127Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 128Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 129Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 130Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 131Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 140 page
background image
Data Sheet
ADP1055
Rev. A | Page 127 of 140
Period (ns)
Frequency (kHz)
Exponent
Mantissa
18,280
54.70459519
−4
875
18,260
54.7645126
−4
876
18,240
54.8245614
−4
877
18,220
54.88474204
−4
878
18,200
54.94505495
−4
879
18,180
55.00550055
−4
880
18,160
55.0660793
−4
881
18,140
55.12679162
−4
882
18,120
55.18763797
−4
883
18,090
55.27915976
−4
884
18,070
55.34034311
−4
885
18,050
55.40166205
−4
886
18,030
55.46311703
−4
887
18,010
55.5247085
−4
888
17,990
55.58643691
−4
889
17,970
55.64830273
−4
890
17,950
55.71030641
−4
891
17,930
55.77244841
−4
892
17,910
55.8347292
−4
893
17,890
55.89714925
−4
894
17,870
55.95970901
−4
895
17,850
56.02240896
−4
896
17,830
56.08524958
−4
897
17,810
56.14823133
−4
898
17,790
56.21135469
−4
899
17,770
56.27462015
−4
900
17,750
56.33802817
−4
901
17,730
56.40157924
−4
902
17,710
56.46527386
−4
903
17,690
56.52911249
−4
904
17,670
56.59309564
−4
905
17,660
56.62514156
−4
906
17,640
56.6893424
−4
907
17,620
56.75368899
−4
908
17,600
56.81818182
−4
909
17,580
56.88282139
−4
910
17,560
56.9476082
−4
911
17,540
57.01254276
−4
912
17,520
57.07762557
−4
913
17,500
57.14285714
−4
914
17,480
57.20823799
−4
915
17,460
57.27376861
−4
916
17,440
57.33944954
−4
917
17,420
57.40528129
−4
918
17,410
57.43825388
−4
919
17,390
57.50431282
−4
920
17,370
57.57052389
−4
921
17,350
57.63688761
−4
922
17,330
57.7034045
−4
923
17,310
57.7700751
−4
924
17,290
57.83689994
−4
925
17,270
57.90387956
−4
926
17,250
57.97101449
−4
928
Period (ns)
Frequency (kHz)
Exponent
Mantissa
17,240
58.00464037
−4
928
17,220
58.07200929
−4
929
17,200
58.13953488
−4
930
17,180
58.20721769
−4
931
17,160
58.27505828
−4
932
17,140
58.34305718
−4
933
17,130
58.37711617
−4
934
17,110
58.44535359
−4
935
17,090
58.51375073
−4
936
17,070
58.58230814
−4
937
17,050
58.65102639
−4
938
17,030
58.71990605
−4
940
17,020
58.75440658
−4
940
17,000
58.82352941
−4
941
16,980
58.89281508
−4
942
16,960
58.96226415
−4
943
16,940
59.03187721
−4
945
16,930
59.06674542
−4
945
16,910
59.13660556
−4
946
16,890
59.20663114
−4
947
16,870
59.27682276
−4
948
16,850
59.34718101
−4
950
16,840
59.3824228
−4
950
16,820
59.4530321
−4
951
16,800
59.52380952
−4
952
16,780
59.59475566
−4
954
16,770
59.63029219
−4
954
16,750
59.70149254
−4
955
16,730
59.77286312
−4
956
16,710
59.84440455
−4
958
16,700
59.88023952
−4
958
16,680
59.95203837
−4
959
16,660
60.0240096
−4
960
16,640
60.09615385
−4
962
16,630
60.13229104
−4
962
16,610
60.20469597
−4
963
16,590
60.27727547
−4
964
16,580
60.31363088
−4
965
16,560
60.38647343
−4
966
16,540
60.45949214
−4
967
16,520
60.53268765
−4
969
16,510
60.56935191
−4
969
16,490
60.64281383
−4
970
16,470
60.71645416
−4
971
16,460
60.75334143
−4
972
16,440
60.82725061
−4
973
16,420
60.90133983
−4
974
16,410
60.93845216
−4
975
16,390
61.01281269
−4
976
16,370
61.08735492
−4
977
16,350
61.16207951
−4
979
16,340
61.1995104
−4
979
16,320
61.2745098
−4
980



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More