| Moteur de recherche de fiches techniques de composants électroniques |
|
ADP1055ACPZ-R7 Fiches technique(PDF) 109 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP1055ACPZ-R7 Fiches technique(HTML) 109 Page - Analog Devices |
|
109 / 140 page ![]() Data Sheet ADP1055 Rev. A | Page 109 of 140 Bits Bit Name R/W Description [1:0] PGOOD1_ON_DEB R/W Bit 1 Bit 0 Debounce (ms) 0 0 0 0 1 150 + 10 1 0 350 + 10 1 1 550 + 10 Table 181. Register 0xFE44—PGOOD1_FAULT_SELECT Bits Bit Name R/W Description 15 TON_MAX_FAULT R/W 1 = this flag, if asserted, sets the PGOOD1 flag (Bit 6 of STATUS_UNKNOWN) 14 IOUT_UC_FAULT R/W 1 = this flag, if asserted, sets the PGOOD1 flag (Bit 6 of STATUS_UNKNOWN) 13 POUT_OP_FAULT R/W 1 = this flag, if asserted, sets the PGOOD1 flag (Bit 6 of STATUS_UNKNOWN) 12 IIN_OC_FAULT R/W 1 = this flag, if asserted, sets the PGOOD1 flag (Bit 6 of STATUS_UNKNOWN) 11 VIN_OV_FAULT R/W 1 = this flag, if asserted, sets the PGOOD1 flag (Bit 6 of STATUS_UNKNOWN) 10 VOUT_UV_FAULT R/W 1 = this flag, if asserted, sets the PGOOD1 flag (Bit 6 of STATUS_UNKNOWN) 9 VOUT_OV_FAULT R/W 1 = this flag, if asserted, sets the PGOOD1 flag (Bit 6 of STATUS_UNKNOWN) 8 IOUT_OC_FAULT R/W 1 = this flag, if asserted, sets the PGOOD1 flag (Bit 6 of STATUS_UNKNOWN) 7 VIN_UV_FAULT R/W 1 = this flag, if asserted, sets the PGOOD1 flag (Bit 6 of STATUS_UNKNOWN) 6 IIN_OC_FAST_FAULT R/W 1 = this flag, if asserted, sets the PGOOD1 flag (Bit 6 of STATUS_UNKNOWN) 5 IOUT_OC_FAST_FAULT R/W 1 = this flag, if asserted, sets the PGOOD1 flag (Bit 6 of STATUS_UNKNOWN) 4 VOUT_OV_FAST R/W 1 = this flag, if asserted, sets the PGOOD1 flag (Bit 6 of STATUS_UNKNOWN) 3 SOFT_START_RAMP R/W 1 = this flag, if asserted, sets the PGOOD1 flag (Bit 6 of STATUS_UNKNOWN) 2 OT_FAULT R/W 1 = this flag, if asserted, sets the PGOOD1 flag (Bit 6 of STATUS_UNKNOWN) 1 SR_OFF R/W 1 = this flag, if asserted, sets the PGOOD1 flag (Bit 6 of STATUS_UNKNOWN) 0 OFF R/W 1 = this flag, if asserted, sets the PGOOD1 flag (Bit 6 of STATUS_UNKNOWN) Table 182. Register 0xFE45—PGOOD2_FAULT_SELECT Bits Bit Name R/W Description 15 VOUT (STATUS_WORD[15]) R/W 1 = this flag, if asserted, sets the PGOOD2 flag (Bit 7 of STATUS_UNKNOWN) 14 IOUT/POUT (STATUS_WORD[14]) R/W 1 = this flag, if asserted, sets the PGOOD2 flag (Bit 7 of STATUS_UNKNOWN) 13 INPUT (STATUS_WORD[13]) R/W 1 = this flag, if asserted, sets the PGOOD2 flag (Bit 7 of STATUS_UNKNOWN) 12 TEMPERATURE (STATUS_WORD[2]) R/W 1 = this flag, if asserted, sets the PGOOD2 flag (Bit 7 of STATUS_UNKNOWN) 11 GPIO2/GPIO4 R/W 1 = this flag, if asserted, sets the PGOOD2 flag (Bit 7 of STATUS_UNKNOWN) 10 GPIO1/GPIO3 R/W 1 = this flag, if asserted, sets the PGOOD2 flag (Bit 7 of STATUS_UNKNOWN) 9 TOFF_MAX_WARN R/W 1 = this flag, if asserted, sets the PGOOD2 flag (Bit 7 of STATUS_UNKNOWN) 8 IOUT_UC_FAST_FAULT R/W 1 = this flag, if asserted, sets the PGOOD2 flag (Bit 7 of STATUS_UNKNOWN) 7 Constant current R/W 1 = this flag, if asserted, sets the PGOOD2 flag (Bit 7 of STATUS_UNKNOWN) 6 IIN_OC_FAST_FAULT R/W 1 = this flag, if asserted, sets the PGOOD2 flag (Bit 7 of STATUS_UNKNOWN) 5 IOUT_OC_FAST_FAULT R/W 1 = this flag, if asserted, sets the PGOOD2 flag (Bit 7 of STATUS_UNKNOWN) 4 VOUT_OV_FAST R/W 1 = this flag, if asserted, sets the PGOOD2 flag (Bit 7 of STATUS_UNKNOWN) 3 SOFT_START_RAMP R/W 1 = this flag, if asserted, sets the PGOOD2 flag (Bit 7 of STATUS_UNKNOWN) 2 SYNC_UNLOCK R/W 1 = this flag, if asserted, sets the PGOOD2 flag (Bit 7 of STATUS_UNKNOWN) 1 Maximum black box record reached R/W 1 = this flag, if asserted, sets the PGOOD2 flag (Bit 7 of STATUS_UNKNOWN) 0 Soft start filter R/W 1 = this flag, if asserted, sets the PGOOD2 flag (Bit 7 of STATUS_UNKNOWN) Table 183. Register 0xFE46—SOFT_START_BLANKING Bits Bit Name R/W Description 15 VOUT_OV_FAULT R/W 1 = this flag is ignored during soft start 14 GPIO3/GPIO4 snubber R/W 1 = the GPIO3/GPIO4 snubber outputs are disabled during soft start 13 TON_MAX_FAULT R/W 1 = this flag is ignored during soft start 12 VIN_OV_FAULT R/W 1 = this flag is ignored during soft start 11 VIN_UV_FAULT R/W 1 = this flag is ignored during soft start |