Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM341-RTR Fiches technique(PDF) 234 Page - Silicon Laboratories

No de pièce EM341-RTR
Description  High-Performance, Integrated RF4CE System-on-Chip
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM341-RTR Fiches technique(HTML) 234 Page - Silicon Laboratories

Back Button EM341-RTR Datasheet HTML 229Page - Silicon Laboratories EM341-RTR Datasheet HTML 230Page - Silicon Laboratories EM341-RTR Datasheet HTML 231Page - Silicon Laboratories EM341-RTR Datasheet HTML 232Page - Silicon Laboratories EM341-RTR Datasheet HTML 233Page - Silicon Laboratories EM341-RTR Datasheet HTML 234Page - Silicon Laboratories EM341-RTR Datasheet HTML 235Page - Silicon Laboratories EM341-RTR Datasheet HTML 236Page - Silicon Laboratories EM341-RTR Datasheet HTML 237Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 234 / 237 page
background image
EM341
140
Rev 1.0
SWJ
Serial Wire and JTAG Interface
THD
Total Harmonic Distortion
TRNG
True random number generator
TWI
Two Wire serial interface
Tx
Transmit
UART
Universal Asynchronous Receiver/Transmitter
UEV
Update event
VCO
Voltage Controlled Oscillator
Abbreviation
Meaning
dB
decibel
dBc
decibels relative to the carrier
dBm
decibels relative to 1 mW
GHz
GigaHerz
kB
Kilobyte
kbps
kilobits/second
kHz
kiloherz
kΩ
kiloOhm
kV
kiloVolt
mA
milliAmpere
Mbps
Megabits per second
MHz
megaherz
MΩ
megaOhm
MSPS
Megasamples per second
µA
microAmpere
µsec
microsecond
nH
nanohenry
ns
nanoseconds
Ω
Ohm
pF
picofarad
ppm
part per million
V
Volt
Acronym/Abbreviation
Meaning



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More