Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM341-RTR Fiches technique(PDF) 221 Page - Silicon Laboratories

No de pièce EM341-RTR
Description  High-Performance, Integrated RF4CE System-on-Chip
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM341-RTR Fiches technique(HTML) 221 Page - Silicon Laboratories

Back Button EM341-RTR Datasheet HTML 217Page - Silicon Laboratories EM341-RTR Datasheet HTML 218Page - Silicon Laboratories EM341-RTR Datasheet HTML 219Page - Silicon Laboratories EM341-RTR Datasheet HTML 220Page - Silicon Laboratories EM341-RTR Datasheet HTML 221Page - Silicon Laboratories EM341-RTR Datasheet HTML 222Page - Silicon Laboratories EM341-RTR Datasheet HTML 223Page - Silicon Laboratories EM341-RTR Datasheet HTML 224Page - Silicon Laboratories EM341-RTR Datasheet HTML 225Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 221 / 237 page
background image
EM341
128
Rev 1.0
18. Package
The EM341 package is a plastic 48-pin QFN that is 7 mm x 7 mm. Figure 18.1 illustrates the package drawing.
Figure 18.1. Package Drawing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More