Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM341-RTR Fiches technique(PDF) 208 Page - Silicon Laboratories

No de pièce EM341-RTR
Description  High-Performance, Integrated RF4CE System-on-Chip
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM341-RTR Fiches technique(HTML) 208 Page - Silicon Laboratories

Back Button EM341-RTR Datasheet HTML 204Page - Silicon Laboratories EM341-RTR Datasheet HTML 205Page - Silicon Laboratories EM341-RTR Datasheet HTML 206Page - Silicon Laboratories EM341-RTR Datasheet HTML 207Page - Silicon Laboratories EM341-RTR Datasheet HTML 208Page - Silicon Laboratories EM341-RTR Datasheet HTML 209Page - Silicon Laboratories EM341-RTR Datasheet HTML 210Page - Silicon Laboratories EM341-RTR Datasheet HTML 211Page - Silicon Laboratories EM341-RTR Datasheet HTML 212Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 237 page
background image
EM341
120
Rev 1.0
16. Ordering Information
Use the following part number to order the EM341:
The EM300 Series package is RoHS-compliant. It conforms to the European Court of Justice decision regarding
the Deca-BDE exemption of the RoHS Directive. It is PFOS-compliant in accordance with European Directive
2006/122/EC*1 released in December 2006. The EM341-RTR reel conforms to EIA Specification 481.
To order parts, contact Silicon Labs at 1+(877) 444-3032, or find a sales office or distributor on our website,
www.silabs.com.
Part Number
Part
Packaging Material
Configuration
EM341-RTR
EM341
2000 unit reel
Standard



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More