Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM341-RTR Fiches technique(PDF) 200 Page - Silicon Laboratories

No de pièce EM341-RTR
Description  High-Performance, Integrated RF4CE System-on-Chip
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM341-RTR Fiches technique(HTML) 200 Page - Silicon Laboratories

Back Button EM341-RTR Datasheet HTML 196Page - Silicon Laboratories EM341-RTR Datasheet HTML 197Page - Silicon Laboratories EM341-RTR Datasheet HTML 198Page - Silicon Laboratories EM341-RTR Datasheet HTML 199Page - Silicon Laboratories EM341-RTR Datasheet HTML 200Page - Silicon Laboratories EM341-RTR Datasheet HTML 201Page - Silicon Laboratories EM341-RTR Datasheet HTML 202Page - Silicon Laboratories EM341-RTR Datasheet HTML 203Page - Silicon Laboratories EM341-RTR Datasheet HTML 204Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 237 page
background image
EM341
112
Rev 1.0
Address: 0xE000ED3C Reset: 0x0
Register 9.7. SCS_AFSR: Auxiliary Fault Status Register
Bit
31
30
29
28
27
26
25
24
Name
0
0
0
0
0
0
0
0
Bit
23
22
21
20
19
18
17
16
Name
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
Name
0
0
0
0
0
0
0
0
Bit
7
6
5
4
3
2
1
0
Name
0
0
0
0
WRONGSIZE
PROTECTED
RESERVED
MISSED
Bitname
Bitfield
Access
Description
WRONGSIZE
[3]
RW
A bus fault resulted from an 8-bit or 16-bit read or write of an APB peripheral register.
This fault can also result from an unaligned 32-bit access.
PROTECTED
[2]
RW
A bus fault resulted from a user mode (unprivileged) write to a system APB or AHB
peripheral or protected RAM.
RESERVED
[1]
RW
A bus fault resulted from a read or write to an address within an APB peripheral's 4 kB
block range, but above the last physical register in that block. Can also result from a
read or write to an address above the top of RAM or flash.
MISSED
[0]
RW
A bus fault occurred when a bit was already set in this register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More