| Moteur de recherche de fiches techniques de composants électroniques |
|
EM341-RTR Fiches technique(PDF) 183 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
EM341-RTR Fiches technique(HTML) 183 Page - Silicon Laboratories |
|
183 / 237 page ![]() EM341 184 Rev 1.0 Address: 0x4000D008 Reset: 0x0000 Address: 0x4000D00C Reset: 0x8000 Register 10.3. ADC_OFFSET: ADC Offset Register Bit 31 30 29 28 27 26 25 24 Name 0 0 0 0 0 0 0 0 Bit 23 22 21 20 19 18 17 16 Name 0 0 0 0 0 0 0 0 Bit 15 14 13 12 11 10 9 8 Name ADC_OFFSET_FIELD Bit 7 6 5 4 3 2 1 0 Name ADC_OFFSET_FIELD Bitname Bitfield Access Description ADC_OFFSET_FIELD [15:0] RW 16-bit signed offset added to the basic ADC conversion result before gain correction is applied. Register 10.4. ADC_GAIN: ADC Gain Register Bit 31 30 29 28 27 26 25 24 Name 0 0 0 0 0 0 0 0 Bit 23 22 21 20 19 18 17 16 Name 0 0 0 0 0 0 0 0 Bit 15 14 13 12 11 10 9 8 Name ADC_GAIN_FIELD Bit 7 6 5 4 3 2 1 0 Name ADC_GAIN_FIELD Bitname Bitfield Access Description ADC_GAIN_FIELD [15:0] RW Gain factor that is multiplied by the offset-corrected ADC result to produce the output value. The gain is a 16-bit unsigned scaled integer value with a binary decimal point between bits 15 and 14. It can represent values from 0 to (almost) 2. The reset value is a gain factor of 1. |