Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM341-RTR Fiches technique(PDF) 158 Page - Silicon Laboratories

No de pièce EM341-RTR
Description  High-Performance, Integrated RF4CE System-on-Chip
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM341-RTR Fiches technique(HTML) 158 Page - Silicon Laboratories

Back Button EM341-RTR Datasheet HTML 154Page - Silicon Laboratories EM341-RTR Datasheet HTML 155Page - Silicon Laboratories EM341-RTR Datasheet HTML 156Page - Silicon Laboratories EM341-RTR Datasheet HTML 157Page - Silicon Laboratories EM341-RTR Datasheet HTML 158Page - Silicon Laboratories EM341-RTR Datasheet HTML 159Page - Silicon Laboratories EM341-RTR Datasheet HTML 160Page - Silicon Laboratories EM341-RTR Datasheet HTML 161Page - Silicon Laboratories EM341-RTR Datasheet HTML 162Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 237 page
background image
EM341
Rev 1.0
159
TIM_IC3F
[7:4]
RW
Input Capture 3 Filter. (Applies only if TIM_CC3S > 0.)
See TIM_IC4F description above.
TIM_IC3PSC
[3:2]
RW
Input Capture 3 Prescaler. (Applies only if TIM_CC3S > 0.)
See TIM_IC4PSC description above.
TIM_CC3S
[1:0]
RW
Capture / Compare 3 Selection.
This configures the channel as an output or an input. If an input, it selects
the input source.
00: Channel is an output.
01: Channel is an input and is mapped to TI3.
10: Channel is an input and is mapped to TI4.
11: Channel is an input and is mapped to TRGI. This requires an internal
trigger input selected by the TIM_TS bit in the TIM_SMCR register.
Note: TIM_CC3S may be written only when the channel is off (TIM_CC3E = 0 in
the TIMx_CCER register).
Bitname
Bitfield Access
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More