Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM341-RTR Fiches technique(PDF) 108 Page - Silicon Laboratories

No de pièce EM341-RTR
Description  High-Performance, Integrated RF4CE System-on-Chip
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM341-RTR Fiches technique(HTML) 108 Page - Silicon Laboratories

Back Button EM341-RTR Datasheet HTML 104Page - Silicon Laboratories EM341-RTR Datasheet HTML 105Page - Silicon Laboratories EM341-RTR Datasheet HTML 106Page - Silicon Laboratories EM341-RTR Datasheet HTML 107Page - Silicon Laboratories EM341-RTR Datasheet HTML 108Page - Silicon Laboratories EM341-RTR Datasheet HTML 109Page - Silicon Laboratories EM341-RTR Datasheet HTML 110Page - Silicon Laboratories EM341-RTR Datasheet HTML 111Page - Silicon Laboratories EM341-RTR Datasheet HTML 112Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 237 page
background image
EM341
Rev 1.0
109
SC1_RXCNTB: Address: 0x4000C824 Reset: 0x0
SC2_RXCNTB: Address: 0x4000C024 Reset: 0x0
Register 8.29. SCx_RXCNTB
SC1_RXCNTB: Receive DMA Count Register B
SC2_RXCNTB: Receive DMA Count Register B
Bit
31
30
29
28
27
26
25
24
Name
0
0
0
0
0
0
0
0
Bit
23
22
21
20
19
18
17
16
Name
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
Name
0
0
SC_RXCNTB
Bit
7
6
5
4
3
2
1
0
Name
SC_RXCNTB
Bitname
Bitfield Access
Description
SC_RXCNTB
[13:0]
RW
The offset from the start of DMA receive buffer B at which the next byte will
be written. This register is set to zero when the buffer is loaded and when the
DMA is reset. If this register is written when the buffer is not loaded, the buf-
fer is loaded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More