Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA3118D2 Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPA3118D2
Description  100-W and 50-W Class-D Stereo Automotive Amplifiers
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3118D2 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPA3118D2 Datasheet HTML 3Page - Texas Instruments TPA3118D2 Datasheet HTML 4Page - Texas Instruments TPA3118D2 Datasheet HTML 5Page - Texas Instruments TPA3118D2 Datasheet HTML 6Page - Texas Instruments TPA3118D2 Datasheet HTML 7Page - Texas Instruments TPA3118D2 Datasheet HTML 8Page - Texas Instruments TPA3118D2 Datasheet HTML 9Page - Texas Instruments TPA3118D2 Datasheet HTML 10Page - Texas Instruments TPA3118D2 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
mP
TPA3116D2-Q1
SD
MUTE
FAULT
SD
MUTE
FAULT
t
d
TPA3116D2-Q1, TPA3118D2-Q1
www.ti.com
SLOS862A – JULY 2015 – REVISED AUGUST 2015
6.6 AC Electrical Characteristics
TA = 25°C, AVCC = PVCC = 12 V to 24 V, RL = 4 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
200 mVPP ripple at 1 kHz, gain = 20 dB, inputs ac-coupled
KSVR
Power supply ripple rejection
–70
dB
to GND
THD+N = 10%, f = 1 kHz, V(PVCC) = 14.4 V
25
PO
Continuous output power
W
THD+N = 10%, f = 1 kHz, V(PVCC) = 21 V
50
THD+N
Total harmonic distortion + noise
VCC = 21 V, f = 1 kHz, PO = 25 W (half-power)
0.1%
65
µV
Vn
Output integrated noise
20 Hz to 22 kHz, A-weighted filter, gain = 20 dB
–80
dBV
Crosstalk
VO = 1 Vrms, gain = 20 dB, f = 1 kHz
–100
dB
Maximum output at THD+N < 1%, f = 1 kHz, gain = 20 dB,
SNR
Signal-to-noise ratio
102
dB
A-weighted
AM[2:0] = 000
376
400
424
AM[2:0] = 001
470
500
530
AM[2:0] = 010
564
600
636
AM[2:0] = 011
940
1000
1060
fOSC
Oscillator frequency
kHz
AM[2:0] = 100
1128
1200
1278
AM[2:0] = 101
AM[2:0] = 110
Reserved
AM[2:0] = 111
Thermal trip point
150
°C
Thermal hysteresis
15
°C
Overcurrent trip point
7.5
A
6.7 Timing Requirements
MIN
NOM
MAX
UNIT
td
Delay from MUTE rising to SD falling
1.4
s
Figure 1. Timing Requirement for SD
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPA3116D2-Q1 TPA3118D2-Q1


Numéro de pièce similaire - TPA3118D2

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA3118D2 TI1-TPA3118D2 Datasheet
1Mb / 34P
15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
TPA3118D2 TI-TPA3118D2 Datasheet
2Mb / 45P
15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
TPA3118D2DAP TI1-TPA3118D2DAP Datasheet
1Mb / 34P
15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
TPA3118D2DAP TI1-TPA3118D2DAP Datasheet
2Mb / 43P
Filter-Free Class-D Stereo Amplifier Family
TPA3118D2DAP TI-TPA3118D2DAP Datasheet
2Mb / 45P
15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
More results

Description similaire - TPA3118D2

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA3116D2-Q1 TI-TPA3116D2-Q1_15 Datasheet
1Mb / 34P
TPA311xD2-Q1 100-W and 50-W Class-D Stereo Automotive Amplifiers
TPA3221 TI1-TPA3221 Datasheet
708Kb / 39P
100-W Stereo, 200-W Mono HD-Audio, Analog-Input, Class-D Amplifier
TPA3116D2 TI-TPA3116D2_V01 Datasheet
2Mb / 45P
15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
TAS5622A TI1-TAS5622A_15 Datasheet
1Mb / 42P
125-W Stereo and 250-W Stereo PurePath HD Digital-Input Class-D Power Stage
logo
STMicroelectronics
TDA749213TR STMICROELECTRONICS-TDA749213TR Datasheet
537Kb / 32P
50 W 50 W dual BTL class-D audio amplifier
logo
Analog Devices
SSM2518 AD-SSM2518 Datasheet
2Mb / 48P
Digital Input Stereo, 2 W, Class-D
REV. A
logo
Texas Instruments
TPA3116D2 TI-TPA3116D2_15 Datasheet
1Mb / 41P
TPA3116D2 15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
TPA3244 TI1-TPA3244_16 Datasheet
472Kb / 31P
40-W Stereo, 100-W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3220 TI1-TPA3220 Datasheet
863Kb / 39P
60-W Stereo, 100-W Peak HD Analog-Input, Pad-Down Class-D Amplifier
TAS5622A TI-TAS5622A_15 Datasheet
1Mb / 42P
TAS5622A 125-W Stereo and 250-W Stereo PurePath??HD Digital-Input Class-D Power Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com