Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM324-N Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM324-N
Description  Low-Power, Quad-Operational Amplifiers
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM324-N Fiches technique(HTML) 3 Page - Texas Instruments

  LM324-N Datasheet HTML 1Page - Texas Instruments LM324-N Datasheet HTML 2Page - Texas Instruments LM324-N Datasheet HTML 3Page - Texas Instruments LM324-N Datasheet HTML 4Page - Texas Instruments LM324-N Datasheet HTML 5Page - Texas Instruments LM324-N Datasheet HTML 6Page - Texas Instruments LM324-N Datasheet HTML 7Page - Texas Instruments LM324-N Datasheet HTML 8Page - Texas Instruments LM324-N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
LM124-N, LM224-N
LM2902-N, LM324-N
www.ti.com
SNOSC16D – MARCH 2000 – REVISED JANUARY 2015
5 Pin Configuration and Functions
J Package
14-Pin CDIP
Top View
D Package
14-Pin SOIC
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
OUTPUT1
1
O
Output, Channel 1
INPUT1-
2
I
Inverting Input, Channel 1
INPUT1+
3
I
Noninverting Input, Channel 1
V+
4
P
Positive Supply Voltage
INPUT2+
5
I
Nonnverting Input, Channel 2
INPUT2-
6
I
Inverting Input, Channel 2
OUTPUT2
7
O
Output, Channel 2
OUTPUT3
8
O
Output, Channel 3
INPUT3-
9
I
Inverting Input, Channel 3
INPUT3+
10
I
Noninverting Input, Channel 3
GND
11
P
Ground or Negative Supply Voltage
INPUT4+
12
I
Noninverting Input, Channel 4
INPUT4-
13
I
Inverting Input, Channel 4
OUTPUT4
14
O
Output, Channel 4
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM124-N LM224-N LM2902-N LM324-N


Numéro de pièce similaire - LM324-N

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM324-N-MIL TI1-LM324-N-MIL Datasheet
1Mb / 29P
[Old version datasheet]   Low-Power, Quad-Operational Amplifier
JUNE 2017
More results

Description similaire - LM324-N

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
LM2902 STMICROELECTRONICS-LM2902 Datasheet
135Kb / 14P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
August 1998
LM124 STMICROELECTRONICS-LM124 Datasheet
142Kb / 14P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
June 1999
LM124 STMICROELECTRONICS-LM124_05 Datasheet
915Kb / 16P
   Low Power Quad Operational Amplifiers
Rev 3 June 2005
logo
National Semiconductor ...
LM2902EP NSC-LM2902EP Datasheet
844Kb / 18P
   Low Power Quad Operational Amplifiers
logo
BCD Semiconductor Manuf...
AS324 BCDSEMI-AS324 Datasheet
52Kb / 2P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
logo
Taiwan Semiconductor Co...
TS324 TSC-TS324_07 Datasheet
531Kb / 8P
   Low Power Quad Operational Amplifiers
logo
New Japan Radio
NJM324C NJRC-NJM324C Datasheet
459Kb / 10P
   Low power quad operational amplifiers
ver.09
logo
Texas Instruments
LM124JAN TI1-LM124JAN_13 Datasheet
781Kb / 26P
[Old version datasheet]   Low Power Quad Operational Amplifiers
logo
STMicroelectronics
LM2902 STMICROELECTRONICS-LM2902_V01 Datasheet
792Kb / 20P
   Low-power quad operational amplifiers
2022
LM124A STMICROELECTRONICS-LM124A Datasheet
1,021Kb / 13P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
March 2001
logo
BCD Semiconductor Manuf...
AS324 BCDSEMI-AS324_06 Datasheet
285Kb / 13P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com