Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STK0602U Fiches technique(PDF) 2 Page - AUK corp

No de pièce STK0602U
Description  N-Channel Enhancement-Mode MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AUK [AUK corp]
Site Internet  https:www.auk.co.kr
Logo AUK - AUK corp

STK0602U Fiches technique(HTML) 2 Page - AUK corp

  STK0602U Datasheet HTML 1Page - AUK corp STK0602U Datasheet HTML 2Page - AUK corp STK0602U Datasheet HTML 3Page - AUK corp STK0602U Datasheet HTML 4Page - AUK corp STK0602U Datasheet HTML 5Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
KST-3068-000
2
STK0602U
Absolute maximum ratings
(Ta=25
°C)
Characteristic
Symbol
Rating
Unit
Drain-Source voltage
VDSS
60
V
Gate-Source voltage
VGS
±8
V
Maximum Drain current
ID
200
mA
Pulsed Drain Current
IDP
800
mA
Drain Power dissipation
PD
200
mW
Operating Junction and
Storage temperature range
TJ , Tstg
-55~150
°C
Electrical Characteristics
(Ta=25
°C)
Characteristic
Symbol
Test Condition
Min. Typ. Max.
Unit
Drian-Source breakdown voltage
BVDSS
ID=10µA, VGS=0
60
-
-
V
Gate-Threshold voltage
VGS(th)
ID=1µA, VDS=5V
0.8
-
1.8
V
Zero Gate voltage drain current
IDSS
VDS=60V, VGS=0
-
-
1.0
µA
Gate-body leakage
IGSS
VDS=0V, VGS=±6V
-
-
±1.0
µA
VGS=5V, ID=10mA
-
2.5
6.0
Drain-Source on-resistance
RDS(ON)
VGS=10V, ID=10mA
-
2.0
4.0
Forward transconductance
gfs
VDS=5V, ID=20mA
20
65
-
mS
Input capacitance
Ciss
-
26
-
Output capacitance
Coss
-
20
-
Reverse Transfer capacitance
Crss
VDS=5V, VGS=0, f=1MHz
-
10
-
pF
Turn-on delay time
td(on)
150
Rise time
tr
240
Turn-off delay time
td(off)
-
200
-
Fall time
tf
VDD=5V, ID=10mA
VGS=5V
RL=500Ω
-
300
-
ns


Numéro de pièce similaire - STK0602U

FabricantNo de pièceFiches techniqueDescription
logo
VBsemi Electronics Co.,...
STK0602U VBSEMI-STK0602U Datasheet
1,014Kb / 8P
N-Channel 60-V (D-S) MOSFET
logo
AUK corp
STK0602UF AUK-STK0602UF Datasheet
239Kb / 4P
N-Channel Enhancement-Mode MOSFET
logo
VBsemi Electronics Co.,...
STK0602UF VBSEMI-STK0602UF Datasheet
1,014Kb / 8P
N-Channel 60-V (D-S) MOSFET
More results

Description similaire - STK0602U

FabricantNo de pièceFiches techniqueDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
N-Channel Enhancement Mode MOSFET
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com