Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

D13007 Fiches technique(PDF) 2 Page - AUK corp

No de pièce D13007
Description  NPN Silicon Power Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AUK [AUK corp]
Site Internet  https:www.auk.co.kr
Logo AUK - AUK corp

D13007 Fiches technique(HTML) 2 Page - AUK corp

  D13007 Datasheet HTML 1Page - AUK corp D13007 Datasheet HTML 2Page - AUK corp D13007 Datasheet HTML 3Page - AUK corp D13007 Datasheet HTML 4Page - AUK corp D13007 Datasheet HTML 5Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
KST-H035-000
2
STD13007F
Absolute maximum ratings
(Ta=25
°C)
Characteristic
Symbol
Rating
Unit
Collector-Base voltage
VCBO
700
V
Collector-Emitter voltage
VCEO
400
V
Emitter-base voltage
VEBO
9
V
Collector current (DC)
IC
8
A
Collector current (Pulse)
ICM
16
A
Base current (DC)
IB
4
A
Collector Power dissipation (Tc=25℃)
PC
40
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-55~150
°C
Electrical Characteristics
(Ta=25
°C)
Characteristic
Symbol
Test Condition
Min. Typ. Max.
Unit
Collector-Emitter sustaining voltage
BVCEO(sus) IC=10mA, IB=0
400
-
-
V
Emitter cut-off current
IEBO
VEB=9V, IC=0
-
-
1
mA
IC=2A, VCE=5V
8
-
60
DC Current gain
hFE*
IC=5A, VCE=5V
5
-
30
IC=2A, IB=0.4A
-
-
1
IC=5A, IB=1A
-
-
2
Collector-Emitter saturation voltage
VCE(sat)*
IC=8A, IB=2A
-
-
3
V
IC=2A, IB=0.4A
-
-
1.2
Base-Emitter saturation voltage
VBE(sat)*
IC=5A, IB=1A
-
-
1.6
V
Transition frequency
fT
VCE=10V, IC=0.5A, f=1MHz
-
14
-
MHz
Output capacitance
Cob
VCB=10V, IE=0, f=0.1MHz
-
80
-
Turn on Time
ton
-
-
1.6
Storage Time
tstg
-
-
3
Fall Time
tf
VCC=125V, IC=5A
IB1=-IB2=1A
-
-
0.7
* Pulse test: PW≤300 ㎲, Duty cycle≤2%.


Numéro de pièce similaire - D13007

FabricantNo de pièceFiches techniqueDescription
logo
KODENSHI_AUK CORP.
D13007 KODENSHI-D13007 Datasheet
299Kb / 6P
   SWITCHING REGULATOR APPLICATIONS
logo
JILIN SINO-MICROELECTRO...
D13007K JSMC-D13007K Datasheet
431Kb / 5P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
More results

Description similaire - D13007

FabricantNo de pièceFiches techniqueDescription
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
   Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
NEC
2SC3568 NEC-2SC3568 Datasheet
172Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Seme LAB
BUW46 SEME-LAB-BUW46 Datasheet
17Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
NEC
2SC2752 NEC-2SC2752 Datasheet
188Kb / 4P
   NPN SILICON POWER TRANSISTOR
logo
Seme LAB
SDT96305 SEME-LAB-SDT96305 Datasheet
17Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
NEC
2SD1818 NEC-2SD1818 Datasheet
196Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Transys Electronics
BUL791 TRSYS-BUL791 Datasheet
873Kb / 6P
   NPN SILICON POWER TRANSISTOR
logo
Siemens Semiconductor G...
BU326A SIEMENS-BU326A Datasheet
69Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Boca Semiconductor Corp...
2N3441 BOCA-2N3441 Datasheet
100Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
Central Semiconductor C...
CZT5338 CENTRAL-CZT5338 Datasheet
101Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
AUK corp
STD13003L AUK-STD13003L Datasheet
271Kb / 3P
   NPN Silicon Power Transistor
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com