Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S78LXXF Fiches technique(PDF) 3 Page - AUK corp

No de pièce S78LXXF
Description  Positive-Voltage Regulators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AUK [AUK corp]
Site Internet  https:www.auk.co.kr
Logo AUK - AUK corp

S78LXXF Fiches technique(HTML) 3 Page - AUK corp

  S78LXXF Datasheet HTML 1Page - AUK corp S78LXXF Datasheet HTML 2Page - AUK corp S78LXXF Datasheet HTML 3Page - AUK corp S78LXXF Datasheet HTML 4Page - AUK corp S78LXXF Datasheet HTML 5Page - AUK corp S78LXXF Datasheet HTML 6Page - AUK corp S78LXXF Datasheet HTML 7Page - AUK corp S78LXXF Datasheet HTML 8Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
KSI-9013-004
3
S78LxxF
Electrical Characteristics
(Electrical Characteristics at VI=10V, IO=40 ㎃, CI=0.33 ㎌, CO=0.1 ㎌, 0℃≤TJ≤125℃, Unless otherwise specified)
S78L05
Parameter
Symbol
Test Condition*
Min.
Typ.
Max.
Unit
-
TJ=25℃
4.80
5
5.20
IO=1 ㎃ ~ 40 ㎃
VI=7V ~ 20V
4.75
-
5.25
Output Voltage**
VO
IO=1 ㎃ ~ 70 ㎃
VI=10V
0℃≤TJ≤125℃
4.75
-
5.25
V
VI=7V ~ 20V
-
32
150
Line Regulation
VO(△VI)
VI=8V ~ 20V
TJ=25℃
-
26
100
IO=1 ㎃ ~ 100 ㎃
-
15
60
Load Regulation
VO(△IL)
IO=1 ㎃ ~ 40 ㎃
TJ=25℃
-
8
30
TJ=25℃
-
3.8
6
Quiescent Current
IQC
-
TJ=125℃
-
5.5
VI=8V ~ 20V
-
-
1.5
Quiescent Current
Change
IQC
IO=1 ㎃ ~ 40 ㎃
0℃≤TJ≤125℃
-
-
0.1
Dropout Voltage
VDROP
-
TJ=25℃
-
1.7
-
V
Ripple Rejection
RR
VI=8V ~ 18V, f=120 ㎐
0℃≤TJ≤125℃
41
49
Electrical Characteristics
(Electrical Characteristics at VI=11V, IO=40 ㎃, CI=0.33 ㎌, CO=0.1 ㎌, 0℃≤TJ≤125℃, Unless otherwise specified)
S78L06
Parameter
Symbol
Test Condition*
Min.
Typ.
Max.
Unit
-
TJ=25℃
5.75
6
6.25
IO=1 ㎃ ~ 40 ㎃
VI=8V ~ 20V
5.70
-
6.30
Output Voltage**
VO
IO=1 ㎃ ~ 70 ㎃
VI=11V
0℃≤TJ≤125℃
5.70
-
6.30
V
VI=8V ~ 20V
-
35
175
Line Regulation
VO(△VI)
VI=9V ~ 20V
TJ=25℃
-
29
125
IO=1 ㎃ ~ 100 ㎃
-
16
80
Load Regulation
VO(△IL)
IO=1 ㎃ ~ 40 ㎃
TJ=25℃
-
9
40
TJ=25℃
-
3.9
6
Quiescent Current
IQC
-
TJ=125℃
-
5.5
VI=9V ~ 20V
-
-
1.5
Quiescent Current
Change
IQC
IO=1 ㎃ ~ 40 ㎃
0℃≤TJ≤125℃
-
-
0.1
Dropout Voltage
VDROP
-
TJ=25℃
-
1.7
-
V
Ripple Rejection
RR
VI=9V ~ 19V, f=120 ㎐
0℃≤TJ≤125℃
40
48
* Pulse testing techniques are used to maintain the junction temperature as close to the ambient
temperature as possible. Thermal effects must be taken into account separately. All characteristics
are measured with a 0.33 ㎌ capacitor across the input and a 0.1 ㎌ capacitor across the output.
** This specification applies only for dc power dissipation permitted by absolute maximum ratings.


Numéro de pièce similaire - S78LXXF

FabricantNo de pièceFiches techniqueDescription
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
Positive-Voltage Regulators
More results

Description similaire - S78LXXF

FabricantNo de pièceFiches techniqueDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
Positive voltage regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com