Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16LF72/ML Fiches technique(PDF) 124 Page - Microchip Technology

No de pièce PIC16LF72/ML
Description  28-Pin, 8-Bit CMOS FLASH MCU with A/D Converter
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF72/ML Fiches technique(HTML) 124 Page - Microchip Technology

Back Button PIC16LF72/ML Datasheet HTML 120Page - Microchip Technology PIC16LF72/ML Datasheet HTML 121Page - Microchip Technology PIC16LF72/ML Datasheet HTML 122Page - Microchip Technology PIC16LF72/ML Datasheet HTML 123Page - Microchip Technology PIC16LF72/ML Datasheet HTML 124Page - Microchip Technology PIC16LF72/ML Datasheet HTML 125Page - Microchip Technology PIC16LF72/ML Datasheet HTML 126Page - Microchip Technology PIC16LF72/ML Datasheet HTML 127Page - Microchip Technology PIC16LF72/ML Datasheet HTML 128Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 136 page
background image
PIC16F72
DS39597B-page 122
 2002 Microchip Technology Inc.
28-Lead Plastic Quad Flat No Leads Package (ML) 6x6 mm Body (QFN) (Continued)
Pad Width
*Controlling Parameter
Drawing No. C04-2114
B
.009
.011
.014
0.23
0.28
0.35
Pitch
MAX
Units
Dimension Limits
p
INCHES
.026 BSC
MIN
NOM
MAX
MILLIMETERS*
MIN
0.65 BSC
NOM
Pad Length
Pad to Solder Mask
L
.020
.024
.030
0.50
0.60
0.75
M
.005
.006
0.13
0.15
L
p
M
M
B
PACKAGE
EDGE
SOLDER
MASK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More