Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STAC5-S-N220 Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce STAC5-S-N220
Description  AC Advanced Microstep Drive
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

STAC5-S-N220 Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  STAC5-S-N220 Datasheet HTML 1Page - List of Unclassifed Manufacturers STAC5-S-N220 Datasheet HTML 2Page - List of Unclassifed Manufacturers STAC5-S-N220 Datasheet HTML 3Page - List of Unclassifed Manufacturers STAC5-S-N220 Datasheet HTML 4Page - List of Unclassifed Manufacturers STAC5-S-N220 Datasheet HTML 5Page - List of Unclassifed Manufacturers STAC5-S-N220 Datasheet HTML 6Page - List of Unclassifed Manufacturers STAC5-S-N220 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Product Datasheet
www.Applied-Motion.com
STAC5-S-N220
AC Advanced Microstep Drive
1pc. - 405.00
50pc. - 303.75
Product Features
Microstepping digital step motor driver in compact
package
Advanced anti-resonance algorithm
Torque ripple smoothing
Microstepping to 51,200 steps/rev
Operates from 220 VAC
Provides motor current up to 2.55 A/phase (peak of
sine) with idle current reduction
Fast 10/100 Ethernet for programming and
communications
Three pulse-based control modes: step & direction,
A/B quadrature, CW/CCW pulse
Velocity (oscillator) control mode with sophisticated
joystick operation
Streaming serial command mode (SCL) for
commands sent from a host controller
UDP & TCP support
4 digital inputs, 2 digital outputs, all optically
isolated
1 analog input, +/-10 volt range
Applied Motion Products, Inc.
404 Westridge Dr.
Watsonville, CA 95076, USA
1-800-525-1609
Tel (831) 761-6555
Fax (831) 761-
6544
The STAC5-S-N220 stepper drive employs sophisticated current control designed for optimal smoothness over a
wide speed range. Anti-resonance, torque ripple smoothing, and microstepping work together to bring step motor
performance to a new high. To complement the drive Applied Motion offers a specially matched set of low-loss
NEMA 23 and 34 frame motors (see Related and Recommended Products below), all specifically designed with
high voltage operation in mind. Power to the drive comes from single-phase 220 VAC, and the drive can output up
to 2.55 A/phase (peak-of-sine) to the step motor. Protection features like over-voltage, over-temperature, and over-
current prevent damage while running in adverse conditions.
The STAC5-S-N220 can operate in pulse & direction, velocity, and streaming serial (SCL) control modes.
Selecting the control mode, setting up the motor, and configuring other drive parameters is done with the ST
Configurator™ software.
For connecting to external devices such as limit switches, proximity or photoelectric sensors, PLC I/O, lamps, and
other devices, the drive comes with 4 digital inputs, 2 digital outputs, and 1 analog input. The drive also features
an Ethernet port for configuration and communications. The Ethernet port is fast 10/100 Mbit, and the drive
supports both TCP and UDP communication protocols.
Description


Numéro de pièce similaire - STAC5-S-N220

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
STAC5-S-N120 ETC2-STAC5-S-N120 Datasheet
846Kb / 7P
   AC Advanced Microstep Drive
More results

Description similaire - STAC5-S-N220

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
STAC5-S-N120 ETC2-STAC5-S-N120 Datasheet
846Kb / 7P
   AC Advanced Microstep Drive
STAC5-IP-N120 ETC2-STAC5-IP-N120 Datasheet
580Kb / 8P
   AC EtherNet/IP Advanced Microstep Drive
STAC5-IP-N220 ETC2-STAC5-IP-N220 Datasheet
581Kb / 8P
   AC EtherNet/IP Advanced Microstep Drive
STAC5-S-E120 ETC2-STAC5-S-E120 Datasheet
844Kb / 7P
   AC Advanced Microstep Drive w/ Encoder Input
STAC5-Q-N220 ETC2-STAC5-Q-N220 Datasheet
863Kb / 7P
   AC Advanced Microstep Drive w/ Q Programming
STAC5-Q-N120 ETC2-STAC5-Q-N120 Datasheet
862Kb / 7P
   AC Advanced Microstep Drive w/ Q Programming
STAC5-S-E220 ETC2-STAC5-S-E220 Datasheet
845Kb / 7P
   AC Advanced Microstep Drive w/ Encoder Input
STAC6-S-220 ETC2-STAC6-S-220 Datasheet
356Kb / 7P
   AC Advanced Microstep Drive w/ Encoder Input
STR2 ETC2-STR2 Datasheet
779Kb / 5P
   DC Advanced Microstep Drive
STR8 ETC2-STR8 Datasheet
748Kb / 5P
   DC Advanced Microstep Drive
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com