Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STAC5-Q-N220 Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce STAC5-Q-N220
Description  AC Advanced Microstep Drive w/ Q Programming
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

STAC5-Q-N220 Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  STAC5-Q-N220 Datasheet HTML 1Page - List of Unclassifed Manufacturers STAC5-Q-N220 Datasheet HTML 2Page - List of Unclassifed Manufacturers STAC5-Q-N220 Datasheet HTML 3Page - List of Unclassifed Manufacturers STAC5-Q-N220 Datasheet HTML 4Page - List of Unclassifed Manufacturers STAC5-Q-N220 Datasheet HTML 5Page - List of Unclassifed Manufacturers STAC5-Q-N220 Datasheet HTML 6Page - List of Unclassifed Manufacturers STAC5-Q-N220 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
The STAC5-Q-N220 stepper drive employs sophisticated current control designed for optimal smoothness over a
wide speed range. Anti-resonance, torque ripple smoothing, and microstepping work together to bring step motor
performance to a new high. To complement the drive Applied Motion offers a specially matched set of low-loss
NEMA 23 and 34 frame motors (see Related and Recommended Products below), all specifically designed with
high voltage operation in mind. Power to the drive comes from single-phase 220 VAC, and the drive can output up
to 2.55 A/phase (peak-of-sine) to the step motor. Protection features like over-voltage, over-temperature, and over-
current prevent damage while running in adverse conditions.
The STAC5-Q-N220 can operate in all of the same control modes as a STAC5-S drive (pulse & direction, velocity,
streaming commands), plus it has the ability to run stand-alone Q programs stored in non-volatile memory. Q
programs are created using the Q Programmer™ software, which provides multi-tasking, math functions,
conditional processing, data register manipulation, and more features in a robust yet simple text-based
programming language. Initial setup of the drive, including selecting the control mode, setting up the motor, and
configuring other drive parameters is done using the ST Configurator™ software.
For connecting to external devices such as limit switches, proximity or photoelectric sensors, PLC I/O, lamps, and
other devices, the drive comes with 12 digital inputs, 6 digital outputs, and 1 analog input. The drive also features
an Ethernet port for configuration and communications. The Ethernet port is fast 10/100 Mbit, and the drive
supports both TCP and UDP communication protocols.
This step motor drive is UL Recognized (File No. E332730), CE approved, and RoHS compliant.
Description


Numéro de pièce similaire - STAC5-Q-N220

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
STAC5-Q-N120 ETC2-STAC5-Q-N120 Datasheet
862Kb / 7P
AC Advanced Microstep Drive w/ Q Programming
More results

Description similaire - STAC5-Q-N220

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
STAC5-Q-N120 ETC2-STAC5-Q-N120 Datasheet
862Kb / 7P
AC Advanced Microstep Drive w/ Q Programming
STAC5-Q-E220 ETC2-STAC5-Q-E220 Datasheet
864Kb / 7P
AC Advanced Microstep Drive w/ Q Programming & Encoder Input
STAC5-Q-E120 ETC2-STAC5-Q-E120 Datasheet
862Kb / 7P
AC Advanced Microstep Drive w/ Q Programming & Encoder Input
STAC6-Q ETC2-STAC6-Q Datasheet
475Kb / 7P
AC Advanced Microstep Drive w/ Q Programming & Encoder Input
STAC6-Q-220 ETC2-STAC6-Q-220 Datasheet
355Kb / 7P
AC Advanced Microstep Drive w/ Q Programming & Encoder Input
STAC6-QE ETC2-STAC6-QE Datasheet
475Kb / 7P
AC Advanced Microstep Drive w/ Q Programming & Encoder Input
ST5-Q-NN ETC2-ST5-Q-NN Datasheet
641Kb / 11P
DC Advanced Microstep Drive w/ Q Programming
ST5-Q-RN ETC2-ST5-Q-RN Datasheet
641Kb / 11P
DC Advanced Microstep Drive w/ Q Programming
ST10-Q-RN ETC2-ST10-Q-RN Datasheet
969Kb / 12P
DC Advanced Microstep Drive w/ Q Programming
ST10-PLUS ETC2-ST10-PLUS Datasheet
969Kb / 9P
DC Advanced Microstep Drive w/ Q Programming
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com