Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST10-IP-EE Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce ST10-IP-EE
Description  DC EtherNet/IP Advanced Microstep Drive w/ Encoder Input
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

ST10-IP-EE Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  ST10-IP-EE Datasheet HTML 1Page - List of Unclassifed Manufacturers ST10-IP-EE Datasheet HTML 2Page - List of Unclassifed Manufacturers ST10-IP-EE Datasheet HTML 3Page - List of Unclassifed Manufacturers ST10-IP-EE Datasheet HTML 4Page - List of Unclassifed Manufacturers ST10-IP-EE Datasheet HTML 5Page - List of Unclassifed Manufacturers ST10-IP-EE Datasheet HTML 6Page - List of Unclassifed Manufacturers ST10-IP-EE Datasheet HTML 7Page - List of Unclassifed Manufacturers ST10-IP-EE Datasheet HTML 8Page - List of Unclassifed Manufacturers ST10-IP-EE Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
The ST10-IP-EE stepper drive is a DC-powered microstepping drive for controlling two-phase, bipolar step motors.
It offers advanced current control and a sophisticated 3rd generation anti-resonance algorithm that electronically
dampens motor and system resonances to improve motor smoothness and usable torque over a wide speed
range. The drive also employs electronic torque ripple smoothing and microstep emulation to greatly reduce motor
noise and vibration. The drive must be powered from 24-80 VDC and can output up to 10.0 A/phase (peak-of-
sine) to the step motor. Over-voltage, over-temperature and over-current protection features prevent damage while
running in adverse conditions. The drive is complemented by a specifically matched set of NEMA 23 and NEMA 34
frame stepper motors (see Related and Recommended products below).
The ST10-IP-EE incorporates EtherNet/IP network communications, the widely used industrial protocol for
manufacturing automation applications. With EtherNet/IP users can control, configure and query the drive using an
open, standards-based, industrial Ethernet connection at speeds up to 100 MBits/sec. The ST-IP drives run all of
the same control modes as ST-Q drives, with the addition that all drive features can be accessed over
EtherNet/IP, including more than 100 commands and 130 registers for controlling motion, I/O, configuration,
polling, math, register manipulation, and Q programming.
For connecting to external devices such as control signals, incremental encoders, limit switches, proximity or
photoelectric sensors, PLC I/O, lamps, and other devices, the drive comes with 8 digital inputs, 4 digital outputs,
and 2 single-ended analog inputs (analog inputs can be wired together as 1 differential analog input). Adjustable
digital filters are present on the digital inputs for enhanced reliability in noisy environments.
In addition to EtherNet/IP the drive supports Ethernet TCP and UDP protocols for sending commands from Applied
Motion’s proprietary Serial Command Language (SCL). The same 10/100 Mbit Ethernet port on the drive is also
used for configuring and programming the drive using the ST Configurator™ and Q Programmer™ software
applications, respectively.
The ST10-IP-EE comes with an encoder feedback connector for applications that demand a higher level of
position control than ordinary open-loop step motor systems can provide. Use our double-shaft step motors with
incremental encoders and activate either Stall Detection or Stall Prevention in the drive. Stall Detection notifies the
system as soon as the required torque is too great for the motor, which results in a loss of synchronization
between the rotor and stator, also known as stalling. Stall Prevention automatically adjusts motor speed to
maintain synchronization of the rotor to the stator under all conditions. This unique feature allows step motors to
operate in a much broader range of applications than previously possible, such as torque-control. The Stall
Prevention feature also performs static position maintenance, which maintains the position of the motor shaft when
at rest. Additionally, the inclusion of the optional encoder allows the motor to be precisely homed to the index
(marker) pulse.
All ST drives are CE approved and RoHS compliant.
Description


Numéro de pièce similaire - ST10-IP-EE

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
ST10-IP-EN ETC2-ST10-IP-EN Datasheet
936Kb / 10P
DC EtherNet/IP Advanced Microstep Drive
More results

Description similaire - ST10-IP-EE

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
ST5-IP-EE ETC2-ST5-IP-EE Datasheet
615Kb / 9P
DC EtherNet/IP Advanced Microstep Drive w/ Encoder Input
STAC5-IP-E120 ETC2-STAC5-IP-E120 Datasheet
580Kb / 8P
AC EtherNet/IP Advanced Microstep Drive w/ Encoder Input
STAC5-IP-E220 ETC2-STAC5-IP-E220 Datasheet
581Kb / 8P
AC EtherNet/IP Advanced Microstep Drive w/ Encoder Input
ST5-Q-EE ETC2-ST5-Q-EE Datasheet
596Kb / 8P
DC Advanced Microstep Drive w/ Ethernet & Encoder Input
ST10-Q-EE ETC2-ST10-Q-EE Datasheet
924Kb / 9P
DC Advanced Microstep Drive w/ Ethernet & Encoder Input
ST10-IP-EN ETC2-ST10-IP-EN Datasheet
936Kb / 10P
DC EtherNet/IP Advanced Microstep Drive
ST5-IP-EN ETC2-ST5-IP-EN Datasheet
608Kb / 9P
DC EtherNet/IP Advanced Microstep Drive
ST10-C-CE ETC2-ST10-C-CE Datasheet
934Kb / 9P
DC CANopen Advanced Microstep Drive w/ Encoder Input
ST5-C-CE ETC2-ST5-C-CE Datasheet
606Kb / 8P
DC CANopen Advanced Microstep Drive w/ Encoder Input
STAC5-S-E120 ETC2-STAC5-S-E120 Datasheet
844Kb / 7P
AC Advanced Microstep Drive w/ Encoder Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com