Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EN3309D Fiches technique(PDF) 2 Page - ON Semiconductor

No de pièce EN3309D
Description  5W Power Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

EN3309D Fiches technique(HTML) 2 Page - ON Semiconductor

  EN3309D Datasheet HTML 1Page - ON Semiconductor EN3309D Datasheet HTML 2Page - ON Semiconductor EN3309D Datasheet HTML 3Page - ON Semiconductor EN3309D Datasheet HTML 4Page - ON Semiconductor EN3309D Datasheet HTML 5Page - ON Semiconductor EN3309D Datasheet HTML 6Page - ON Semiconductor EN3309D Datasheet HTML 7Page - ON Semiconductor EN3309D Datasheet HTML 8Page - ON Semiconductor EN3309D Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
LA4425A
No.A0195-2/9
1
5
9.5
(2.0)
0.6
2.7
1.2
0.5
1.1
1.5
2.0
(0.75)
3.2
SANYO : SIP5H
Operating Conditions at Ta = 25
°C,
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
13.2
V
Recommended load resistance
RL
4
Ω
Operating voltage range
VCC op
5 to 16
V
Operating load resistance range
RL op
Under conditions where maximum ratings are
not exceeded
2 to 8
Ω
Electrical Characteristics at Ta
= 25°C, VCC = 13.2V, RL = 4Ω, f = 1 kHz, Rg = 600Ω,
specified board/specified circuit, 30
×30×1.5mm3 thick aluminum used
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Quiescent current
ICCO
65
130
mA
Voltage gain
VG
VO = 0dBm
43
45
47
dB
Output power
PO1
13.2 V / 4
Ω, THD = 10%
4
5
W
PO2
14.4 V / 4
Ω, THD = 10%
5
6
W
Total harmonic distortion
THD
VO = 2V
0.1
1.0
%
Output noise voltage
VNO
Rg = 0, BPF = 20 Hz to 20 kHz
30
40
dB
Ripple rejection ratio
SVRR1
Rg = 0, BPF = 20 Hz to 20 kHz
VR = 0dBm, fR = 100Hz
30
40
dB
SVRR2
Rg = 0, BPF = 20 Hz to 20 kHz
VR = 0dBm, fR = 100 Hz
47
dB
Over-voltage attack
VCCX
Rg = 0
21.5
V
Starting time
tS
0.35
s
Input resistance
RIN
50
k
Ω
Roll-off frequency
fL
40
Hz
fH
90
kHz
Thermal operating temperature
Tc
125
°C
Package Dimensions
unit : mm (typ)
3031C
-30 -20
0
20
40
60
80
100
0
2
4
6
8
10
1.2
2.9
4.3
5.7
7.5
Pd max -- Ta
Ambient temperature, Ta --
°C
No heat sink
30
×30×1.5mm3
50
×50×1.5mm3
100
×100×1.5mm3
Infinite heat sink
Al heat sink
mounting toque 39N.cm
with sillicone grease applied.
12°
C/W


Numéro de pièce similaire - EN3309D

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
EN3309D SANYO-EN3309D Datasheet
138Kb / 9P
   For Car Radio and Car Stereo 5W Power Amplifier with Very Few External Parts
More results

Description similaire - EN3309D

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
ENA2011A ONSEMI-ENA2011A Datasheet
371Kb / 8P
   5W Power Amplifier
June, 2013
LA4425AN ONSEMI-LA4425AN Datasheet
98Kb / 10P
   5W Power Amplifier
September 2014 - Rev. 0
logo
STMicroelectronics
TDA7496SSA STMICROELECTRONICS-TDA7496SSA Datasheet
534Kb / 12P
   5W5W AMPLIFIER
TDA7496S STMICROELECTRONICS-TDA7496S Datasheet
187Kb / 10P
   5W5W AMPLIFIER
logo
Sanyo Semicon Device
LA42031-E SANYO-LA42031-E Datasheet
89Kb / 7P
   5W Monaural Power Amplifier
logo
National Semiconductor ...
LM384 NSC-LM384 Datasheet
152Kb / 7P
   5W Audio Power Amplifier
logo
Sanyo Semicon Device
STK4332 SANYO-STK4332 Datasheet
460Kb / 6P
   AF Power Amplifier (5W 5W min, THD = 1.0%)
logo
Rohm
BA5406 ROHM-BA5406 Datasheet
137Kb / 5P
   12V / 5W dual power amplifier
logo
Panasonic Semiconductor
AN7131 PANASONIC-AN7131 Datasheet
200Kb / 4P
   5W AUDIO POWER AMPLIFIER CIRCUIT
logo
Texas Instruments
LM384 TI-LM384_15 Datasheet
339Kb / 12P
[Old version datasheet]   LM384 5W Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com