Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EN3309D Fiches technique(PDF) 5 Page - ON Semiconductor

No de pièce EN3309D
Description  5W Power Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

EN3309D Fiches technique(HTML) 5 Page - ON Semiconductor

  EN3309D Datasheet HTML 1Page - ON Semiconductor EN3309D Datasheet HTML 2Page - ON Semiconductor EN3309D Datasheet HTML 3Page - ON Semiconductor EN3309D Datasheet HTML 4Page - ON Semiconductor EN3309D Datasheet HTML 5Page - ON Semiconductor EN3309D Datasheet HTML 6Page - ON Semiconductor EN3309D Datasheet HTML 7Page - ON Semiconductor EN3309D Datasheet HTML 8Page - ON Semiconductor EN3309D Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
LA4425A
No.A0195-5/9
THD -- VCC
5
3
2
1.0
7
5
3
2
0.1
7
5
6
8
10
12
14
16
18
20
PO -- VCC
12
10
8
6
4
2
0
8
101214161820
ICC, Pd -- PO
700
600
500
400
300
200
100
0
7
6
5
4
3
2
1
0
7
0.1
23
5
7
1.0
23
5
7
10
ICC, Pd -- PO
0
200
0
2
4
6
8
10
400
600
800
1000
1200
7
0.1
23
5
7
1.0
23
5
7
10
2
SVRR -- VR
VNO -- Rg
SVRR -- fR
SVRR -- VCC
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
7
1k
23
5
7
10k
23
5
7
100k
2
50
40
30
20
10
0
8
9
10
11
12
13
14
15
16
17
18
19
50
40
30
20
10
0
0
200
400
600
800
1000
1200
50
40
30
20
10
0
05
7
100
23
5
7
1k
2
RL=4Ω
f=1kHz
VO=2V(PO=1W)
Rg=600
Ω
f=1kHz
Rg=600
Ω
THD=10%
Supply voltage, VCC -- V
Supply voltage, VCC -- V
RL=2Ω
RL=4Ω
RL=4Ω
f=1kHz
Rg=600
Ω
RL=2Ω
f=1kHz
Rg=600
Ω
Output power, PO -- W
Output power, PO -- W
ICC
VCC=16V
VCC=13.2V
ICC
VCC=16V
VCC=13.2V
VCC=13.2V
RL=4Ω
BPF=20Hz to 20kHz
Rg=0
→0.12mV
Supply voltage, VCC -- V
Signal source resistance, Rg --
Ω
RL=4Ω
VR=0dBm
fR=100Hz
Rg=0
BPF=20Hz to 20kHz
Power supply ripple, VR -- mVrms
Ripple frequency, fR -- Hz
VCC=13.2V
RL=4Ω
fR=100Hz
Rg=0
BPF=20Hz to 20kHz
VCC=13.2V
RL=4Ω
Rg=0
VR=0dBm
BPF=20Hz to 20kHz


Numéro de pièce similaire - EN3309D

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
EN3309D SANYO-EN3309D Datasheet
138Kb / 9P
For Car Radio and Car Stereo 5W Power Amplifier with Very Few External Parts
More results

Description similaire - EN3309D

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM384 NSC-LM384 Datasheet
152Kb / 7P
5W Audio Power Amplifier
logo
STMicroelectronics
TDA7496S STMICROELECTRONICS-TDA7496S Datasheet
187Kb / 10P
5W5W AMPLIFIER
logo
Rohm
BA5406 ROHM-BA5406 Datasheet
137Kb / 5P
12V / 5W dual power amplifier
logo
Sanyo Semicon Device
STK4332 SANYO-STK4332 Datasheet
460Kb / 6P
AF Power Amplifier (5W 5W min, THD = 1.0%)
logo
Panasonic Semiconductor
AN7131 PANASONIC-AN7131 Datasheet
200Kb / 4P
5W AUDIO POWER AMPLIFIER CIRCUIT
logo
STMicroelectronics
TDA7496SSA STMICROELECTRONICS-TDA7496SSA Datasheet
534Kb / 12P
5W5W AMPLIFIER
logo
Sanyo Semicon Device
LA42031-E SANYO-LA42031-E Datasheet
89Kb / 7P
5W Monaural Power Amplifier
logo
Texas Instruments
LM384 TI-LM384_15 Datasheet
339Kb / 12P
LM384 5W Audio Power Amplifier
logo
ON Semiconductor
ENA2011A ONSEMI-ENA2011A Datasheet
371Kb / 8P
5W Power Amplifier
June, 2013
LA4425AN ONSEMI-LA4425AN Datasheet
98Kb / 10P
5W Power Amplifier
September 2014 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com