Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

C12485-210 Fiches technique(PDF) 2 Page - Hamamatsu Corporation

No de pièce C12485-210
Description  Infrared detector modules with preamp
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HAMAMATSU [Hamamatsu Corporation]
Site Internet  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C12485-210 Fiches technique(HTML) 2 Page - Hamamatsu Corporation

  C12485-210_15 Datasheet HTML 1Page - Hamamatsu Corporation C12485-210_15 Datasheet HTML 2Page - Hamamatsu Corporation C12485-210_15 Datasheet HTML 3Page - Hamamatsu Corporation C12485-210_15 Datasheet HTML 4Page - Hamamatsu Corporation C12485-210_15 Datasheet HTML 5Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Infrared detector modules with preamp
Thermoelectrically cooled type
2
Electrical and optical characteristics (Typ. Ta=25 °C, unless otherwise noted)
Type no.
Element
temper-
ature
at rated
input
voltage
Td
Peak
sensitivity
wavelength
λp
Cutoff
wave-
length
λc
Photosensitivity
S
λ=λp
*2
Noise equivalent
power
NEP
λ=λp
Frequency
response
-3 dB
(Hz)
Output
impe-
dance
Maximum
output
voltage
RL=1 kΩ
Current
consumption*3
V+, V-
Vp
Min.
Typ.
Typ.
Max.
FcL
FcH
Typ.
Max. Typ. Max.
(°C)
(μm)
(μm)
(V/W)
(V/W) (W/Hz1/2) (W/Hz1/2) Typ. Max. Min. Typ. (Ω)
(V)
(mA)
(mA) (mA) (mA)
C12485-210
-15
1.95
2.05 1.1 × 108 1.7 × 108 1 × 10-12 3 × 10-12 DC
-
1.5 k 2.2 k
50
+10
+30, -10 +60, -30
+500
+1100
C12486-210
2.3
2.56 1.0 × 108 1.5 × 108 6 × 10-13 6 × 10-12 DC
-
2.1 k 3 k
+30, -10 +60, -30
C12483-250
1.55
1.66 3.3 × 107 5.0 × 107 7 × 10-14 7 × 10-13 DC
-
900 1.2 k
+35, -15 +50, -30
P4638
2.4
3.1 4.0 × 107 8.0 × 107 1 × 10-12 2 × 10-12 0.2 0.4 150 300
±13
+25, -15 +50, -20
P4639
4.1
5.0 1.3 × 105 2.0 × 105 1 × 10-10 2 × 10-10 0.2 0.4 8 k 10 k
+25, -15 +50, -20
P4631-03 -58
5.5
6.1 1.2 × 105 1.5 × 105 1.5 × 10-11 6 × 10-11 DC
-
80 k 100 k
+10
+75, -20 +90, -30 +950
*
2: f=100 Hz (C12485-210, C12486-210, C12483-250, P4638), f=600 Hz (P4639), f=1.2 kHz (P4631-03)
*3: V+=15 V, V-=-15 V, Vp=2.5 V (C12485-210, C12486-210, C12483-250, P4638, P4639), V+=15 V, V-=-15 V, Vp=4.5 V (P4631-03)
Recommended DC power supply (analog power supply): E3630A (Agilent Technologies)
Current capacity: More than 1.5 times the maximum current consumption
Ripple noise: 5 mVp-p or less (±15 V power supply)
5 mVp-p or less (+2.5 V, +4.5 V power supply)
Spectral response
* (λ, 600, 1)
Wavelength (μm)
16
(Typ.)
10
8
10
11
10
13
10
9
10
12
10
10
2345
7
P4639
*
P4631-03
P4638
*
C12483-250
C12485-210
C12486-210
KIRDB0188EI


Numéro de pièce similaire - C12485-210_15

FabricantNo de pièceFiches techniqueDescription
logo
Cree, Inc
C12480 CREE-C12480 Datasheet
1Mb / 32P
Mirella series
logo
Ledil, Inc.
C12480 LEDIL-C12480 Datasheet
13Mb / 17P
~15째 spot beam
logo
Cree, Inc
C12481 CREE-C12481 Datasheet
2Mb / 43P
Mirella series
logo
Ledil, Inc.
C12481 LEDIL-C12481 Datasheet
16Mb / 17P
~30째 medium beam
logo
Cree, Inc
C12482 CREE-C12482 Datasheet
2Mb / 42P
Mirella series
More results

Description similaire - C12485-210_15

FabricantNo de pièceFiches techniqueDescription
logo
Hamamatsu Corporation
C12495-311M HAMAMATSU-C12495-311M Datasheet
145Kb / 5P
Infrared detector modules with preamp
C12492-210 HAMAMATSU-C12492-210_15 Datasheet
406Kb / 5P
Infrared detector modules with preamp
C12492-210 HAMAMATSU-C12492-210 Datasheet
145Kb / 5P
Infrared detector modules with preamp
C12495-111L HAMAMATSU-C12495-111L Datasheet
145Kb / 5P
Infrared detector modules with preamp
G6122 HAMAMATSU-G6122 Datasheet
117Kb / 4P
Infrared detector module with preamp
G6122_ETC_KIRD1036E13 HAMAMATSU-G6122_ETC_KIRD1036E13 Datasheet
347Kb / 4P
Infrared detector module with preamp
C12496-046 HAMAMATSU-C12496-046 Datasheet
184Kb / 3P
Infrared detector module with preamp
G7754-01 HAMAMATSU-G7754-01 Datasheet
103Kb / 2P
Infrared detector module with preamp
G6121_ETC_KIRD1035E06 HAMAMATSU-G6121_ETC_KIRD1035E06 Datasheet
174Kb / 3P
Infrared detector module with preamp
G6121 HAMAMATSU-G6121 Datasheet
196Kb / 2P
Infrared detector module with preamp
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com