Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM3242 Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce LM3242
Description  LM3242 6-MHz, 750-mA Miniature Adjustable Step-Down DC-DC Converter With Auto Bypass for RF Power Amplifiers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM3242 Fiches technique(HTML) 5 Page - Texas Instruments

  LM3242_15 Datasheet HTML 1Page - Texas Instruments LM3242_15 Datasheet HTML 2Page - Texas Instruments LM3242_15 Datasheet HTML 3Page - Texas Instruments LM3242_15 Datasheet HTML 4Page - Texas Instruments LM3242_15 Datasheet HTML 5Page - Texas Instruments LM3242_15 Datasheet HTML 6Page - Texas Instruments LM3242_15 Datasheet HTML 7Page - Texas Instruments LM3242_15 Datasheet HTML 8Page - Texas Instruments LM3242_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LM3242
www.ti.com
SNOSB48E – OCTOBER 2011 – REVISED AUGUST 2015
6.5 Electrical Characteristics
All typical limits in are for TA = TJ = 25°C; all minimum and maximum limits apply over the full operating ambient temperature
range (
−30°C ≤ TA = TJ ≤ +90°C). Unless otherwise noted, all specifications apply to the Typical Application with VIN = EN =
3.6 V, and BPEN = NC = 0 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VFB,MIN
Feedback voltage at
PWM mode, VCON = 0.16 V(1)
0.38
0.4
0.42
V
minimum setting
VFB,MAX
Feedback voltage at
PWM mode, VCON = 1.44 V, VIN = 4 V
3.55
3.6
3.65
V
maximum setting
ISHDN
Shutdown supply current
EN = SW = VCON = FB = BPEN = NC = 0 V(2)
0.1
1
µA
IQ_PWM
PWM mode quiescent
PWM mode, No switching
650
795
µA
current
VCON = 0.13 V, FB = 1 V(3)
EN = VIN, BPEN = NC = 0 V, SW = TriState
µA
IQ_SLEEP
Low-power SLEEP mode
60
80
VCON < 0.08 V(3)
IQ_ECO
ECO mode Quiescent
ECO mode, No switching
60
80
µA
current
VCON = 0.8 V, FB = 2.05 V(3)
RDSON (P)
Pin-pin resistance for PFET
VIN = VGS = 3.6 V, ISW = 200 mA
170
260
m
RDSON (N)
Pin-pin resistance for NFET VIN = VGS = 3.6 V, ISW = −200 mA
110
200
m
Pin-Pin resistance for
RDSON (BP)
VIN = VGS = 3.1 V, ISW = −200 mA
80
110
m
BPFET
ILIM P
PFET switch peak current
See(4)
1300
1450
1600
mA
limit
BPFET switch peak current
ILIM BP
VFB = VIN − 1 V
(4)
310
400
mA
limit
FOSC
Internal oscillator frequency
5.7
6
6.3
MHz
VIH
EN, BPEN logic high input
1.2
V
threshold
VIL
EN, BPEN logic low input
0.4
V
threshold
Gain
VCON to VOUT gain
0.16 V
≤ VCON ≤ 1.44 V(5)
2.5
V/V
IVCON
VCON pin leakage current
VCON = 1 V
±1
µA
Auto bypass detection
VCON = 1.2 V (VOUT-SET = 3 V)
VBP,NEG
165
200
235
mV
negative threshold
VIN = 3.2 V, RL = 6 Ω, IOUT = 500 mA
(6)
Auto bypass detection
VCON = 1.2 V (VOUT-SET = 3 V)
VBP,POS
215
250
285
mV
positive threshold
VIN = 3.25 V, RL = 6 Ω, IOUT = 500 mA
(7)
Auto bypass IOUT slew
IBP,SLEW
BPEN = High, Forced bypass
1600
mA
current
(1)
All 0.4-V VOUT specifications are at steady-state only.
(2)
Shutdown current includes leakage current of PFET.
(3)
IQ specified here is when the part is not switching under test mode conditions. For operating quiescent current at no load, refer to
Typical Characteristics.
(4)
Current limit is built-in, fixed, and not adjustable.
(5)
Care must be taken to keep the VCON pin voltage less than the VIN pin voltage as this can place the part into a manufacturing test
mode.
(6)
Entering Bypass mode VIN is compared to the programmed output voltage (2.5 × VCON). When VIN − (2.5 × VCON) falls below VBP,NEG
longer than TBP,NEG, the Bypass FET turns on, and the switching FET turns on.
(7)
Bypass mode is exited when VIN − (2.5 × VCON) exceeds VBP,POS longer than TBP,POS, and PWM mode resumes. The hysteresis for
the bypass detection threshold VBP,POS – VBP,NEG is always positive and will be approximately 50 mV.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3242


Numéro de pièce similaire - LM3242_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM3242 TI1-LM3242_14 Datasheet
4Mb / 28P
6MHz, 750mA Miniature, Adjustable, Step-Down DC-DC Converter with Auto Bypass for RF Power Amplifiers
REVISED MARCH 2013
More results

Description similaire - LM3242_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM3262 TI-LM3262_15 Datasheet
3Mb / 27P
LM3262 6MHz, 800 mA Miniature, Adjustable, Step-Down DC-DC Converter with Auto Bypass for RF Power Amplifiers
LM3242 TI1-LM3242_14 Datasheet
4Mb / 28P
6MHz, 750mA Miniature, Adjustable, Step-Down DC-DC Converter with Auto Bypass for RF Power Amplifiers
REVISED MARCH 2013
logo
National Semiconductor ...
LM3200 NSC-LM3200_05 Datasheet
882Kb / 15P
Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
Texas Instruments
LM3204 TI1-LM3204 Datasheet
959Kb / 25P
Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
National Semiconductor ...
LM3200 NSC-LM3200 Datasheet
885Kb / 15P
Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3204 NSC-LM3204 Datasheet
878Kb / 16P
Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
Texas Instruments
LM3204 TI-LM3204_15 Datasheet
903Kb / 24P
LM3204 Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3200 TI-LM3200_15 Datasheet
937Kb / 24P
LM3200 Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
National Semiconductor ...
LM3218 NSC-LM3218 Datasheet
4Mb / 16P
650 mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM2706 NSC-LM2706 Datasheet
451Kb / 15P
Miniature, Variable, Step-Down DC-DC Converter with Bypass for RF Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com