Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16LC71-04/SS Fiches technique(PDF) 155 Page - Microchip Technology

No de pièce PIC16LC71-04/SS
Description  8-Bit CMOS Microcontrollers with A/D Converter
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC71-04/SS Fiches technique(HTML) 155 Page - Microchip Technology

Back Button PIC16LC71-04/SS Datasheet HTML 151Page - Microchip Technology PIC16LC71-04/SS Datasheet HTML 152Page - Microchip Technology PIC16LC71-04/SS Datasheet HTML 153Page - Microchip Technology PIC16LC71-04/SS Datasheet HTML 154Page - Microchip Technology PIC16LC71-04/SS Datasheet HTML 155Page - Microchip Technology PIC16LC71-04/SS Datasheet HTML 156Page - Microchip Technology PIC16LC71-04/SS Datasheet HTML 157Page - Microchip Technology PIC16LC71-04/SS Datasheet HTML 158Page - Microchip Technology PIC16LC71-04/SS Datasheet HTML 159Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 176 page
background image
© 1997 Microchip Technology Inc.
DS30272A-page 155
PIC16C71X
17.0
PACKAGING INFORMATION
17.1
18-Lead Ceramic CERDIP Dual In-line with Window (300 mil) (JW)
Package Group: Ceramic CERDIP Dual In-Line (CDP)
Symbol
Millimeters
Inches
Min
Max
Notes
Min
Max
Notes
α
0
°
10
°
0
°
10
°
A
—
5.080
—
0.200
A1
0.381
1.7780
0.015
0.070
A2
3.810
4.699
0.150
0.185
A3
3.810
4.445
0.150
0.175
B
0.355
0.585
0.014
0.023
B1
1.270
1.651
Typical
0.050
0.065
Typical
C
0.203
0.381
Typical
0.008
0.015
Typical
D
22.352
23.622
0.880
0.930
D1
20.320
20.320
Reference
0.800
0.800
Reference
E
7.620
8.382
0.300
0.330
E1
5.588
7.874
0.220
0.310
e1
2.540
2.540
Reference
0.100
0.100
Reference
eA
7.366
8.128
Typical
0.290
0.320
Typical
eB
7.620
10.160
0.300
0.400
L
3.175
3.810
0.125
0.150
N
18
18
18
18
S
0.508
1.397
0.020
0.055
S1
0.381
1.270
0.015
0.050
N
Pin No. 1
Indicator
Area
E1
E
S
D
B1
B
D1
Base
Plane
Seating
Plane
S1
A1 A3 A
L
α
C
eA
eB
e1
A2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More