Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC17C44-08/P Fiches technique(PDF) 206 Page - Microchip Technology

No de pièce PIC17C44-08/P
Description  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C44-08/P Fiches technique(HTML) 206 Page - Microchip Technology

Back Button PIC17C44-08/P Datasheet HTML 202Page - Microchip Technology PIC17C44-08/P Datasheet HTML 203Page - Microchip Technology PIC17C44-08/P Datasheet HTML 204Page - Microchip Technology PIC17C44-08/P Datasheet HTML 205Page - Microchip Technology PIC17C44-08/P Datasheet HTML 206Page - Microchip Technology PIC17C44-08/P Datasheet HTML 207Page - Microchip Technology PIC17C44-08/P Datasheet HTML 208Page - Microchip Technology PIC17C44-08/P Datasheet HTML 209Page - Microchip Technology PIC17C44-08/P Datasheet HTML 210Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 240 page
background image
PIC17C4X
DS30412C-page 206
© 1996 Microchip Technology Inc.
21.2
40-Lead Plastic Dual In-line (600 mil)
Package Group: Plastic Dual In-Line (PLA)
Symbol
Millimeters
Inches
Min
Max
Notes
Min
Max
Notes
α
0
°
10
°
0
°
10
°
A
–
5.080
–
0.200
A1
0.381
–
0.015
–
A2
3.175
4.064
0.125
0.160
B
0.355
0.559
0.014
0.022
B1
1.270
1.778
Typical
0.050
0.070
Typical
C
0.203
0.381
Typical
0.008
0.015
Typical
D
51.181
52.197
2.015
2.055
D1
48.260
48.260
Reference
1.900
1.900
Reference
E
15.240
15.875
0.600
0.625
E1
13.462
13.970
0.530
0.550
e1
2.489
2.591
Typical
0.098
0.102
Typical
eA
15.240
15.240
Reference
0.600
0.600
Reference
eB
15.240
17.272
0.600
0.680
L
2.921
3.683
0.115
0.145
N
4040
4040
S
1.270
–
0.050
–
S1
0.508
–
0.020
–
N
Pin No. 1
Indicator
Area
E1
E
S
D
B1
B
D1
Base
Plane
Seating
Plane
S1
A1 A2 A
L
e1
α
C
eA
eB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More